Electronic Components Datasheet Search
  English  ▼

X  

1456960 Datasheet (PDF) - PHOENIX CONTACT

1456960 Datasheet PDF - PHOENIX CONTACT
Part # 1456960
Download  1456960 Download
File Size   191.45 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UM-BASIC-SKT-B108-L150-7035 - Housing set

1456960 Datasheet (PDF)

Go To PDF Page Download Datasheet
1456960 Datasheet PDF - PHOENIX CONTACT

Part # 1456960
Download  1456960 Click to download

File Size   191.45 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UM-BASIC-SKT-B108-L150-7035 - Housing set

1456960 Datasheet (HTML) - PHOENIX CONTACT


1456960 Product details

Profile housing (PVC), mounting type: DIN rail mounting, dimensions on the DIN rail: width: 153.
8 mm, height: 127.8 mm, depth: 39.45 mm, incl. 2 lateral elements (PA), color: light gray (7035),
for PCBs with width: 108 mm, length: 150 mm, PCB surface: 13780 mm2




Similar Part No. - 1456960

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1456965 PHOENIX-1456965 Datasheet
191Kb / 6P
UM-BASIC-SKT-B122-L180-7035 - Housing set
1456967 PHOENIX-1456967 Datasheet
411Kb / 11P
SAC-4P- 3,0-800/M12FR - Sensor/actuator cable
More results


Similar Description - 1456960

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202023 PHOENIX-2202023 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO 108 FOOT KMGY
2202025 PHOENIX-2202025 Datasheet
43Kb / 2P
Electronic housing - UM-BASIC/PRO PE CONTACT L1
2200155 PHOENIX-2200155 Datasheet
66Kb / 2P
Item is from the UM-BASIC/UM-PRO product range
2200158 PHOENIX-2200158 Datasheet
66Kb / 2P
Item is from the UM-BASIC/UM-PRO product range
2202028 PHOENIX-2202028 Datasheet
47Kb / 2P
Locking element for locking the PCB onto UM-BASIC/PRO housing at level 1
2202029 PHOENIX-2202029 Datasheet
47Kb / 2P
Locking element for locking the PCB onto UM-BASIC/PRO housing at level 2
2202030 PHOENIX-2202030 Datasheet
47Kb / 2P
Electronic housing - UM-BASIC/PRO PCB C-LOCK L3KMGY
1409053 PHOENIX-1409053 Datasheet
85Kb / 5P
Housing set - HC-MOT-AFL-SET
1409066 PHOENIX-1409066 Datasheet
88Kb / 6P
Housing set - HC-MOT-TML-SET
2202551 PHOENIX-2202551 Datasheet
59Kb / 3P
PCB - UM-BASIC 108/32 DEV-PCB
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com