Electronic Components Datasheet Search
  English  ▼

X  

TCP872 Datasheet (PDF) - TEWS Technologies GmbH

TCP872 Datasheet PDF - TEWS Technologies GmbH
Part # TCP872
Download  TCP872 Download
File Size   222.71 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description CompactPCI Carrier for 2 CardBus / PC Card Cards

TCP872 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCP872 Datasheet PDF - TEWS Technologies GmbH

Part # TCP872
Download  TCP872 Click to download

File Size   222.71 Kbytes
Page   3 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description CompactPCI Carrier for 2 CardBus / PC Card Cards

TCP872 Datasheet (HTML) - TEWS Technologies GmbH


TCP872 Product details

Application Information
The TCP872 is a standard 3U CompactPCI module with an interface for up to two 16 bit PC Card or 32 bit CardBus Cards using a dual socket PC Card controller and a power management unit. Up to two PC Card / CardBus cards of Type I and II, or one card of Type III are supported. The register map of the PC Card controller is Intel 82365-DF compatible.
The TCP872 provides full ExCA register implementation for 16 bit PC Cards compatible with PCMCIA 2.1/JEIDA 4.2 standards. Both memory and I/O cards are supported. Up to five memory windows and up to two I/O windows are available for PC Card16 accesses. For 32 bit CardBus cards two memory windows and two I/O windows are supported by the controller. CardBus card status information can be accessed in five CardBus socket registers which can be mapped in the host memory space.
The TCP872 can operate with 3.3V and 5.0V PCI I/O signaling voltage.
All CardBus / PC Card interrupt sources are mapped to PCI INTA.
The power management unit provides 3.3V or 5.0V PC Card power supply and 3.3V, 5.0V or 12V PC Card programming voltage. Due to the short circuit and thermal protection of the power management unit no external fuses are needed on the module.
The operating temperature range is -40°C to +85°C.
The TCP872 complies with the PICMG 2.0 Revision 3.0 CompactPCI specification.
Software Support:
o Driver support (TCP872-SW-xx) for different operating systems is available.
o The TCP872 is directly supported from Windows and Linux.
o For further operating systems please contact TEWS.




Similar Part No. - TCP872

ManufacturerPart #DatasheetDescription
logo
Hosiden Corporation
TCP8730 HOSIDEN-TCP8730 Datasheet
82Kb / 1P
Moulded Type Straight Plugs
TCP8740 HOSIDEN-TCP8740 Datasheet
82Kb / 1P
Moulded Type Straight Plugs
TCP8750 HOSIDEN-TCP8750 Datasheet
82Kb / 1P
Moulded Type Straight Plugs
TCP8760 HOSIDEN-TCP8760 Datasheet
82Kb / 1P
Moulded Type Straight Plugs
TCP8770 HOSIDEN-TCP8770 Datasheet
82Kb / 1P
Moulded Type Straight Plugs
More results


Similar Description - TCP872

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IC13T-68D-FEJ HIROSE-IC13T-68D-FEJ Datasheet
216Kb / 8P
FPC Connectors for CardBus PC Cards
logo
Micrel Semiconductor
MIC2568 MICREL-MIC2568 Datasheet
116Kb / 10P
Dual-Slot PC Card/CardBus Power Controller
MIC2566 MICREL-MIC2566 Datasheet
83Kb / 10P
Single-Slot PC Card/CardBus Power Controller
logo
Advantech Co., Ltd.
PCM-3115 ADVANTECH-PCM-3115 Datasheet
243Kb / 1P
2-slot CardBus PC/104-Plus Module
logo
ALPS ELECTRIC CO.,LTD.
SCAK ALPS-SCAK Datasheet
493Kb / 3P
Connector for Connection with PC Cards Supporting CardBus
logo
List of Unclassifed Man...
2000-6U-EXTM-LF ETC2-2000-6U-EXTM-LF Datasheet
183Kb / 1P
CompactPCI Extender Cards
logo
Advantech Co., Ltd.
MIC-300 ADVANTECH-MIC-300 Datasheet
912Kb / 3P
3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
MIC-3022 ADVANTECH-MIC-3022 Datasheet
356Kb / 2P
4U Height CompactPCI® Enclosure for 3U Cards
14-Sep-2021
MIC-3023 ADVANTECH-MIC-3023 Datasheet
694Kb / 2P
3U Height CompactPCI® Enclosure for 3U Cards
11-Feb-2022
MIC-3954 ADVANTECH-MIC-3954 Datasheet
859Kb / 2P
3U CompactPCI® Quad Mini PCIe & M.2 Carrier Board
3-Feb-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com