Electronic Components Datasheet Search
  English  ▼

X  

2854584 Datasheet (PDF) - PHOENIX CONTACT

2854584 Datasheet PDF - PHOENIX CONTACT
Part # 2854584
Download  2854584 Download
File Size   310.89 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 35 UTM KMGY - Intermediate element

2854584 Datasheet (PDF)

Go To PDF Page Download Datasheet
2854584 Datasheet PDF - PHOENIX CONTACT

Part # 2854584
Download  2854584 Click to download

File Size   310.89 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 35 UTM KMGY - Intermediate element

2854584 Datasheet (HTML) - PHOENIX CONTACT


2854584 Product details

DIN rail housing, Intermediate element, for modular extension of the housing volume, tall design,
with vents, width: 17.6 mm, height: 99 mm, depth: 74 mm, color: light gray (similar RAL 7035),
cross connection: without bus connector, number of positions cross connector: not relevant




Similar Part No. - 2854584

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28545 ETC2-28545 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2854513 PHOENIX-2854513 Datasheet
310Kb / 8P
ME 17,5 UTG BK - Mounting base housing
logo
Weidmuller
2854530000 WEIDMULLER-2854530000 Datasheet
337Kb / 5P
BLF 7.62HP/03/180F SN BK BX PRT
2854540000 WEIDMULLER-2854540000 Datasheet
337Kb / 5P
BLF 7.62HP/06/180F SN BK BX PRT
logo
PHOENIX CONTACT
2854542 PHOENIX-2854542 Datasheet
189Kb / 6P
ME B-22,5 MSTBO RD - Filler plug
More results


Similar Description - 2854584

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869430 PHOENIX-2869430 Datasheet
58Kb / 4P
Electronic housing - ME 12,5 UT KMGY
2914822 PHOENIX-2914822 Datasheet
68Kb / 5P
Electronic housing - ME 35 UTG TBUS KMGY
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2706302 PHOENIX-2706302 Datasheet
58Kb / 3P
Cover - ME B-KA KMGY
09/11/2020
2706700 PHOENIX-2706700 Datasheet
53Kb / 3P
Cover - ME B-SA/NS 35 KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
2890852 PHOENIX-2890852 Datasheet
136Kb / 4P
Housing part - ME MAX 35 MT 2-2 KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com