Electronic Components Datasheet Search
  English  ▼

X  

2203852 Datasheet (PDF) - PHOENIX CONTACT

2203852 Datasheet PDF - PHOENIX CONTACT
Part # 2203852
Download  2203852 Download
File Size   288.83 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 22,5 TBUS 1,5/4P1S BK - DIN rail bus connectors

2203852 Datasheet (PDF)

Go To PDF Page Download Datasheet
2203852 Datasheet PDF - PHOENIX CONTACT

Part # 2203852
Download  2203852 Click to download

File Size   288.83 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 22,5 TBUS 1,5/4P1S BK - DIN rail bus connectors

2203852 Datasheet (HTML) - PHOENIX CONTACT


2203852 Product details

DIN rail connector, color: black, nominal current: 8 A, 8 A (parallel contacts) (Serial contacts),
rated voltage (III/2): 50 V, number of positions: 5, product range: TBUS5-22,5.., pitch: 3.81 mm,
mounting: DIN rail mounting, locking: without, mounting method: without, Articles with goldplated
contacts, bus connectors for connecting with electronic housings




Similar Part No. - 2203852

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2203852011 MOLEX-2203852011 Datasheet
26Kb / 3P
High-Speed I/O Cable Assemblies
Jun 10, 2024
More results


Similar Description - 2203852

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201731 PHOENIX-2201731 Datasheet
44Kb / 2P
Electronic housing - ME 17,5 TBUS 1,5/4P1S KMGY
2201732 PHOENIX-2201732 Datasheet
44Kb / 2P
Electronic housing - ME 22,5 TBUS 1,5/4P1S KMGY
2201813 PHOENIX-2201813 Datasheet
66Kb / 2P
DIN rail bus connectors - ME 18,8 TBUS 1,5/5-ST-3,81KMGY
2279033 PHOENIX-2279033 Datasheet
44Kb / 2P
Electronic housing - ME TBUS PST 1,5/ 5-3,81
2201757 PHOENIX-2201757 Datasheet
62Kb / 2P
DIN rail bus connectors - ME 17,5 TBUS ADAPTER KMGY
2707437 PHOENIX-2707437 Datasheet
150Kb / 3P
DIN rail bus connectors - ME 22,5 TBUS 1,5/ 5-ST-3,81 G
2200244 PHOENIX-2200244 Datasheet
77Kb / 6P
DIN rail bus connectors - ME 22,5 TBUS 1,5/ 5-ST-3,81 YE
2201756 PHOENIX-2201756 Datasheet
62Kb / 3P
DIN rail bus connectors - ME 22,5 TBUS ADAPTER KMGY
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com