Electronic Components Datasheet Search
  English  ▼

X  

2203510 Datasheet (PDF) - PHOENIX CONTACT

2203510 Datasheet PDF - PHOENIX CONTACT
Part # 2203510
Download  2203510 Download
File Size   296.8 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PSPT 2,5/ 2-ST BU - PCB connector

2203510 Datasheet (PDF)

Go To PDF Page Download Datasheet
2203510 Datasheet PDF - PHOENIX CONTACT

Part # 2203510
Download  2203510 Click to download

File Size   296.8 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PSPT 2,5/ 2-ST BU - PCB connector

2203510 Datasheet (HTML) - PHOENIX CONTACT


2203510 Product details

PCB connector, nominal cross section: 2.5 mm2, color: blue, nominal current: 16 A, rated voltage
(III/2): 300 V, contact surface: Sn, contact connection type: Socket, number of potentials: 2,
number of rows: 1, number of positions: 2, number of connections: 2, product range: PSPT 2,5/..
-ST, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB connection
direction: 0 °, locking clip: - Locking clip, locking: without, mounting method: without, type of
packaging: packed in cardboard, Color of the spring lever: orange




Similar Part No. - 2203510

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2203511 PHOENIX-2203511 Datasheet
1Mb / 8P
ME MAX 12,5 3-3 BK - Electronics housing
2203515 PHOENIX-2203515 Datasheet
311Kb / 8P
MKDSO 2,5/ 2-R TS - PCB terminal block
2203516 PHOENIX-2203516 Datasheet
310Kb / 8P
MKDSO 2,5/ 2-L TS - PCB terminal block
More results


Similar Description - 2203510

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3031225 PHOENIX-3031225 Datasheet
184Kb / 6P
ST 2,5 BU
3031254 PHOENIX-3031254 Datasheet
171Kb / 6P
ST 2,5-TWIN BU
3031319 PHOENIX-3031319 Datasheet
176Kb / 5P
ST 2,5-QUATTRO BU
3038710 PHOENIX-3038710 Datasheet
154Kb / 4P
ST 2,5-3L BU
1706800 PHOENIX-1706800 Datasheet
69Kb / 3P
FKCT 2,5/ 2-ST BU
1727207 PHOENIX-1727207 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 2-ST BU
1926196 PHOENIX-1926196 Datasheet
61Kb / 5P
Printed-circuit board connector - SMSTB 2,5/ 2-ST BU
1926439 PHOENIX-1926439 Datasheet
125Kb / 10P
Printed-circuit board connector - MSTBT 2,5/ 2-ST BU
2202344 PHOENIX-2202344 Datasheet
103Kb / 7P
Printed-circuit board connector - PSPT 2,5/ 4-ST KMGY
1848299 PHOENIX-1848299 Datasheet
86Kb / 3P
SMSTB 2,5/ 2-ST BU BDWH:5,4
11/05/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com