Electronic Components Datasheet Search
  English  ▼

X  

2202235 Datasheet (PDF) - PHOENIX CONTACT

2202235 Datasheet PDF - PHOENIX CONTACT
Part # 2202235
Download  2202235 Download
File Size   190.27 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME B-22,5 MSTBO BU 5010 - Filler plug

2202235 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202235 Datasheet PDF - PHOENIX CONTACT

Part # 2202235
Download  2202235 Click to download

File Size   190.27 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME B-22,5 MSTBO BU 5010 - Filler plug

2202235 Datasheet (HTML) - PHOENIX CONTACT


2202235 Product details

DIN rail housing, Filler plug for unoccupied terminal points (MSTBO), width: 20 mm, height: 19.
05 mm, depth: 12.3 mm, color: gentian blue (similar RAL 5010)




Similar Part No. - 2202235

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202231 PHOENIX-2202231 Datasheet
232Kb / 8P
EH 22,5-SET/ABS GY7035 - Housing set
2202232 PHOENIX-2202232 Datasheet
77Kb / 3P
Printed-circuit board connector - HSCH 1,5-3U/18 9005
2202232 PHOENIX-2202232 Datasheet
1Mb / 27P
Component housing
2015-11-27
2202233 PHOENIX-2202233 Datasheet
103Kb / 3P
Printed-circuit board connector - HSCH 1,5-2U/12 9005
2202233 PHOENIX-2202233 Datasheet
1Mb / 27P
Component housing
2015-11-27
More results


Similar Description - 2202235

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2279075 PHOENIX-2279075 Datasheet
45Kb / 2P
Components of electronic housing - ME PS-22,5 TVFKC TRANS
2907473 PHOENIX-2907473 Datasheet
69Kb / 4P
Electronic housing - ME 22,5 OT-MKDSO SET
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2199236 PHOENIX-2199236 Datasheet
51Kb / 2P
Housing - ME MAX 22,5 F/SF-DKL TRANS
11/05/2018
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com