Electronic Components Datasheet Search
  English  ▼

X  

2201187 Datasheet (PDF) - PHOENIX CONTACT

2201187 Datasheet PDF - PHOENIX CONTACT
Part # 2201187
Download  2201187 Download
File Size   311.56 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 45 UT/FE1 TBUS BU - Mounting base housing

2201187 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201187 Datasheet PDF - PHOENIX CONTACT

Part # 2201187
Download  2201187 Click to download

File Size   311.56 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 45 UT/FE1 TBUS BU - Mounting base housing

2201187 Datasheet (HTML) - PHOENIX CONTACT


2201187 Product details

DIN rail housing, Lower housing part with metal foot catch, with FE contact, tall design, with
vents, width: 45.2 mm, height: 99 mm, depth: 107.3 mm, color: blue (similar RAL 5015), cross
connection: DIN rail connector (optional), number of positions cross connector: 5




Similar Part No. - 2201187

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22011034 MOLEX-22011034 Datasheet
34Kb / 1P
spox
01/20/2012
logo
PHOENIX CONTACT
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
2201129 PHOENIX-2201129 Datasheet
289Kb / 9P
FKDSO 2,5 HV/3-R 7,5 GY7035 - PCB terminal block
2201134 PHOENIX-2201134 Datasheet
290Kb / 9P
FKDSO 2,5 HV/ 3-L 7,5 GN - PCB terminal block
logo
Meder Electronic
2201171000 MEDER-2201171000 Datasheet
93Kb / 2P
Reed sensor
More results


Similar Description - 2201187

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
0828143 PHOENIX-0828143 Datasheet
46Kb / 3P
Label for ME UT TBUS housing - EML (44X72)R-ME
0828169 PHOENIX-0828169 Datasheet
46Kb / 3P
Label for ME F-UT TBUS housing - EML (44X49)R-ME
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com