Electronic Components Datasheet Search
  English  ▼

X  

1006974 Datasheet (PDF) - PHOENIX CONTACT

1006974 Datasheet PDF - PHOENIX CONTACT
Part # 1006974
Download  1006974 Download
File Size   309.75 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSO 2,5/ 2-R GY - PCB terminal block

1006974 Datasheet (PDF)

Go To PDF Page Download Datasheet
1006974 Datasheet PDF - PHOENIX CONTACT

Part # 1006974
Download  1006974 Click to download

File Size   309.75 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSO 2,5/ 2-R GY - PCB terminal block

1006974 Datasheet (HTML) - PHOENIX CONTACT


1006974 Product details

Printed circuit board terminal, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross
section: 2.5 mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2,
product range: MKDSO 2,5/..-R, pitch: 5 mm, connection method: Screw connection with tension
sleeve, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: gray, Pin
layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of
packaging: packed in cardboard. Product with pin output on right side




Similar Part No. - 1006974

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
10069 TI-10069 Datasheet
882Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
logo
Turck, Inc.
10069 TURCK-10069 Datasheet
240Kb / 4P
Inductive Sensor
11/07/2023
logo
Heyco.
10069 HEYCO-10069 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
3M Electronics
10069 3M-10069 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
logo
PHOENIX CONTACT
1006941 PHOENIX-1006941 Datasheet
347Kb / 7P
BC 53,6 OT U11 BK VPE240 - Upper housing part
More results


Similar Description - 1006974

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2695950 PHOENIX-2695950 Datasheet
56Kb / 3P
PCB terminal block - MKDSO 2,5/ 3-R BU
2869744 PHOENIX-2869744 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 3-R BK
2901505 PHOENIX-2901505 Datasheet
106Kb / 3P
PCB terminal block - MKDSO 2,5/ 2-L BU
2901518 PHOENIX-2901518 Datasheet
56Kb / 3P
PCB terminal block - MKDSO 2,5/ 2-R BU
2908443 PHOENIX-2908443 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-R BK VPE200
2908472 PHOENIX-2908472 Datasheet
81Kb / 6P
PCB terminal block - MKDSO 2,5/ 4-R KMGY
2909581 PHOENIX-2909581 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-R GY
2909785 PHOENIX-2909785 Datasheet
63Kb / 5P
PCB terminal block - MKDSO 2,5/ 2-R BK VPE200
2203516 PHOENIX-2203516 Datasheet
310Kb / 8P
MKDSO 2,5/ 2-L TS - PCB terminal block
2203515 PHOENIX-2203515 Datasheet
311Kb / 8P
MKDSO 2,5/ 2-R TS - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com