Electronic Components Datasheet Search
  English  ▼

X  

MAX20816 Datasheet (PDF) - Analog Devices

MAX20816 Datasheet PDF - Analog Devices
Part # MAX20816
Download  MAX20816 Download
File Size   264.38 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Output Multiphase High-Current PWMVID and AVSBus Controller

MAX20816 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20816 Datasheet PDF - Analog Devices

Part # MAX20816
Download  MAX20816 Click to download

File Size   264.38 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Output Multiphase High-Current PWMVID and AVSBus Controller

MAX20816 Datasheet (HTML) - Analog Devices


MAX20816 Product details

General Description
The MAX20816 IC provides a high-density, flexible and
scalable dual-loop solution for high-current cores for AI
applications. This dual-loop solution supports up to 16
phases in total, configurable from 16+0 to 8+8 phases
between Rail A and Rail B. Coupled inductors and smart
power-stage ICs are used to implement dual highefficiency
regulators with enhanced transient response.
The complete circuit is a highly efficient (N+M) = 16
multiphase synchronous buck converters with extensive
status and parameter-measurement features. A single,
scalable PCB design with appropriate smart powerstage
IC selection can be used to produce two power
supplies with a wide range of current ratings. PWM
paralleling allows up to 48 phases for very high current
applications.
The IC’s simplified architecture reduces component
count, enables advanced power management and
telemetry, and increases energy savings over the full
load range.
Regulator parameters for protection and shutdown can
be set and monitored through the PMBus™ interface.
Power-stage faults, input and output voltage, input and
output current, input power, and the temperature of the
smart power-stage IC are readable over the serial
interface. The critical fault retention feature prevents
exothermic events after a power-device fault. Preset and
user configurations are programmed in nonvolatile
memory (NVM). MTP-programmable NVM circuits allow
for field modifications. An integrated 3.3V to 1.8V linear
regulator provides the controller bias supply.
The MAX20816 is available in a 56-pin, 7mm x 7mm
TQFN package.
Applications
• NVIDIA GPUs with PWMVID Interface
• AVSBus™ for Fast Dynamic Voltage Transitions
• AI Cores, XPUs, GPUs, Networking ASICs
• High-Current Multiphase Voltage Regulators
• 32ph (2 Parallel) or 48ph (3 Parallel)
Configuration
• Up to 2500A
Benefits and Features
• High Power Density and Efficiency
• Smart Power-Stage Support
• Top-Tier Efficiency (90.71% Peak Efficiency at
0.75VOUT)
• Integrated Output Power Monitor
• 16-ph N+M Dual-Loop Multiphase Architecture
• High-Speed Digital Interface
• PWMVID and AVSBus Support
• Telemetry through PMBus
• Digitally Programmable Configuration
• Input Voltage, Current, and Power Monitoring
• Power-Stage Temperature Monitoring and
Reporting
• Fault, Command, and Data Logging (Black Box
Feature)
• Digital GPIO (OCP, OTW, VR Settled Indicators)
• Advanced Power Management
• Orthogonal Current Rebalance for Phase-Current
Balance During Transients
• Programmable Phase Firing Order
• Protection Features
• Input and Bias Supply Undervoltage Protection
• Overcurrent Protection
• Password Protection




Similar Part No. - MAX20816

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX20810 AD-MAX20810 Datasheet
1Mb / 24P
10A, 2MHz, 2.7V to 16V Integrated Step-Down Switching Regulator with PMBus
19-101568; Rev 0; 11/22
MAX20810AFE+ AD-MAX20810AFE+ Datasheet
1Mb / 24P
10A, 2MHz, 2.7V to 16V Integrated Step-Down Switching Regulator with PMBus
19-101568; Rev 0; 11/22
MAX20810AFE+T AD-MAX20810AFE+T Datasheet
1Mb / 24P
10A, 2MHz, 2.7V to 16V Integrated Step-Down Switching Regulator with PMBus
19-101568; Rev 0; 11/22
logo
Maxim Integrated Produc...
MAX20812 MAXIM-MAX20812 Datasheet
876Kb / 26P
Dual-Output, 6A, 3MHz, 2.7V to 16V, Step-Down Switching Regulator
Rev 1; 3/21
MAX20812 MAXIM-MAX20812 Datasheet
2Mb / 19P
2.7V to 16V Input Voltage Range
Rev 1; 3/21
More results


Similar Description - MAX20816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
HIGH FREQUENCY MULTIPHASE CONTROLLER
logo
Linear Technology
LTC3853 LINER-LTC3853 Datasheet
414Kb / 36P
Triple Output, Multiphase Synchronous Step-Down Controller
logo
Texas Instruments
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
HIGH-FREQUENCY MULTIPHASE CONTROLLER
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
Multiphase Bidirectional Current Controller
LM5170 TI1-LM5170 Datasheet
4Mb / 71P
LM5170 Multiphase Bidirectional Current Controller
TPS53676 TI-TPS53676 Datasheet
5Mb / 143P
TPS53676 Dual-Channel D-CAP?? (NM ??7 Phases) Step-Down, Multiphase Controller with AVSBus??and PMBus??Interfaces
logo
Renesas Technology Corp
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com