Electronic Components Datasheet Search
  English  ▼

X  

LTC9102 Datasheet (PDF) - Analog Devices

LTC9102 Datasheet PDF - Analog Devices
Part # LTC9102
Download  LTC9102 Download
File Size   2573.53 Kbytes
Page   39 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-/48-Port IEEE 802.3bt PoE PSE Controller

LTC9102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC9102 Datasheet PDF - Analog Devices

Part # LTC9102
Download  LTC9102 Click to download

File Size   2573.53 Kbytes
Page   39 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-/48-Port IEEE 802.3bt PoE PSE Controller

LTC9102 Datasheet (HTML) - Analog Devices


LTC9102 Product details

FEATURES
► Fully Compliant IEEE 802.3bt Type 3 2-Pair PSE
► Up to 48 PSE Ports with One Power Channel per Port
► +80V/–20V Tolerant Port-Facing Pins
► ECC-Protected eFlash and Data RAMs
► Industry-Leading Power Path Efficiency
► 100mΩ Sense Resistance
► 30mΩ or Lower MOSFET RDS(ON)
► Chipset Provides Electrical Isolation
► Eliminates Optos and Isolated 3.3V Supply
► Very High Reliability Multipoint PD Detection
► Continuous Voltage, Temperature, and Current Monitoring
► 1MHz I2C Compatible Serial Control Interface
► Pin or I2C Programmable PD Power
► Available in a 24-Lead 4mm × 4mm (LTC9101-2B) and 64-Lead
7mm × 11mm (LTC9102) QFN Packages
APPLICATIONS
► PoE PSE Switches/Routers and Midspans
DESCRIPTION
The LTC®9101-2B/LTC9102 chipset is a 12-/24-/48-port power
sourcing equipment (PSE) controller designed for use in IEEE
802.3bt-compliant Type 3 2-pair Power over Ethernet (PoE) systems.
The LTC9101-2B/LTC9102 is designed to power compliant
802.3af, 802.3at, and 802.3bt PDs. The LTC9101-2B/LTC9102
chipset delivers lowest-in-industry heat dissipation by utilizing low
RDS(ON) external MOSFETs and 0.1Ω sense resistance per power
channel. A transformer-isolated communication protocol replaces
expensive opto-couplers and a complex isolated 3.3V supply, resulting
in significant BOM cost savings.
Advanced power management features include per-port 14‑bit current/
voltage monitoring, programmable power limits, and versatile
fast shut down of preselected ports. PD detection uses a proprietary
multipoint detection mechanism ensuring excellent immunity
from false PD identification. Autoclass and 2-event physical classification
are supported. The LTC9101-2B/LTC9102 includes an I2C
serial interface operable up to 1MHz. The LTC9101-2B/LTC9102
is pin or I2C programmable to negotiate PD delivered power up to
25.5W.




Similar Part No. - LTC9102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC9102 AD-LTC9102 Datasheet
1Mb / 12P
DC3159A and DC3017A LTC9101-1/LTC9102/LTC9103 24-Port, 4-Pair IEEE 802.3bt PSE
Rev. 0
LTC9102 AD-LTC9102 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LTC9102 AD-LTC9102 Datasheet
2Mb / 30P
8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
Rev. 0
LTC9102 AD-LTC9102 Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
LTC9102 AD-LTC9102 Datasheet
931Kb / 22P
IEEE 802.3bt PD with Telemetry and Power Priority
Rev A
More results


Similar Description - LTC9102

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Linear Technology
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Analog Devices
LTC4291-1 AD-LTC4291-1 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LTC9101-1 AD-LTC9101-1 Datasheet
3Mb / 50P
48-Port IEEE 802.3bt PoE PSE Controller
LTC9101-2 AD-LTC9101-2 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Skyworks Solutions Inc.
SI3471 SKYWORKS-SI3471 Datasheet
585Kb / 26P
Autonomous Single Ethernet Port IEEE 802.3bt PoE PSE Device
Revision 1.0 May, 2021
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com