Electronic Components Datasheet Search
  English  ▼

X  

RSB6.8JS2T2R Datasheet (PDF) - TECH PUBLIC Electronics co LTD

RSB6.8JS2T2R Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # RSB6.8JS2T2R
Download  RSB6.8JS2T2R Download
File Size   1185.77 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra Low Capacitance ESD Protection Diode

RSB6.8JS2T2R Datasheet (PDF)

Go To PDF Page Download Datasheet
RSB6.8JS2T2R Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # RSB6.8JS2T2R
Download  RSB6.8JS2T2R Click to download

File Size   1185.77 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra Low Capacitance ESD Protection Diode

RSB6.8JS2T2R Datasheet (HTML) - TECH PUBLIC Electronics co LTD


RSB6.8JS2T2R Product details

Features
4 30W peak pulse power(8/20ps)
# Ultra low leakage: nA level
® Operating voltage: 5.5V
® Low clamping voltage
® Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test
Air discharge: +15kV'
Contact discharge: +8kV
— IEC61000-4-4 (EFT) 40A (5/50ns)
—IEC61000-4-5 (Lightning) 1.5A (8/20ps)
4 RoHS Compliant




Similar Part No. - RSB6.8JS2T2R

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8JS2 ROHM-RSB6.8JS2 Datasheet
519Kb / 7P
Ultra Low Capacitance ESD Protection Diode
RSB6.8JS2FH ROHM-RSB6.8JS2FH Datasheet
1Mb / 7P
ESD Protection diode
More results


Similar Description - RSB6.8JS2T2R

ManufacturerPart #DatasheetDescription
logo
Rohm
RSAC16CS ROHM-RSAC16CS Datasheet
1Mb / 4P
Ultra Low Capacitance ESD Protection Diode
RSAC18CS ROHM-RSAC18CS Datasheet
1Mb / 4P
Ultra Low Capacitance ESD Protection Diode
logo
Rectron Semiconductor
ESD3Z3V3D RECTRON-ESD3Z3V3D Datasheet
291Kb / 5P
Ultra Low Capacitance ESD Protection Diode
ESD3Z5.0D RECTRON-ESD3Z5.0D Datasheet
300Kb / 5P
Ultra Low Capacitance ESD Protection Diode
ESD05D6DV RECTRON-ESD05D6DV Datasheet
227Kb / 5P
Ultra Low Capacitance ESD Protection Diode
ESD5Z3.3D RECTRON-ESD5Z3.3D Datasheet
235Kb / 4P
Ultra Low Capacitance ESD Protection Diode
ESD0301DV RECTRON-ESD0301DV Datasheet
247Kb / 4P
Ultra Low Capacitance ESD Protection Diode
ESD0501LD RECTRON-ESD0501LD Datasheet
242Kb / 4P
Ultra Low Capacitance ESD Protection Diode
ESD0501LDV RECTRON-ESD0501LDV Datasheet
244Kb / 4P
Ultra Low Capacitance ESD Protection Diode
logo
Nexperia B.V. All right...
PESD5V0U1UT-Q NEXPERIA-PESD5V0U1UT-Q Datasheet
244Kb / 12P
Ultra low capacitance ESD protection diode
16 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com