Electronic Components Datasheet Search
  English  ▼

X  

2854034 Datasheet (PDF) - PHOENIX CONTACT

2854034 Datasheet PDF - PHOENIX CONTACT
Part # 2854034
Download  2854034 Download
File Size   312.23 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 17,5 UT/FE BUS/10 KMGY - Mounting base housing

2854034 Datasheet (PDF)

Go To PDF Page Download Datasheet
2854034 Datasheet PDF - PHOENIX CONTACT

Part # 2854034
Download  2854034 Click to download

File Size   312.23 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 17,5 UT/FE BUS/10 KMGY - Mounting base housing

2854034 Datasheet (HTML) - PHOENIX CONTACT


2854034 Product details

DIN rail housing, Lower housing part with metal foot catch, with FE contact, tall design, with
vents, width: 17.6 mm, height: 99 mm, depth: 107.3 mm, color: light gray (similar RAL 7035),
cross connection: integrated bus connector, number of positions cross connector: 10, Bus
connector: 10 parallel contacts




Similar Part No. - 2854034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28540 ETC2-28540 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2854018 PHOENIX-2854018 Datasheet
53Kb / 2P
Universal DIN rail adapter, for screwing on switchgear
2854021 PHOENIX-2854021 Datasheet
49Kb / 2P
Universal DIN rail adapter, for screwing on switchgear
2854047 PHOENIX-2854047 Datasheet
60Kb / 3P
Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
2854050 PHOENIX-2854050 Datasheet
312Kb / 8P
ME 35 UT/FE BUS/10 KMGY - Mounting base housing
More results


Similar Description - 2854034

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869430 PHOENIX-2869430 Datasheet
58Kb / 4P
Electronic housing - ME 12,5 UT KMGY
2200740 PHOENIX-2200740 Datasheet
52Kb / 2P
Electronic housing - ME 22,5 UT BUS/102 KMGY
2201731 PHOENIX-2201731 Datasheet
44Kb / 2P
Electronic housing - ME 17,5 TBUS 1,5/4P1S KMGY
2201757 PHOENIX-2201757 Datasheet
62Kb / 2P
DIN rail bus connectors - ME 17,5 TBUS ADAPTER KMGY
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com