Electronic Components Datasheet Search
  English  ▼

X  

2279499 Datasheet (PDF) - PHOENIX CONTACT

2279499 Datasheet PDF - PHOENIX CONTACT
Part # 2279499
Download  2279499 Download
File Size   304.43 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 22,5 UTG/FE BUS/102 GN - Mounting base housing

2279499 Datasheet (PDF)

Go To PDF Page Download Datasheet
2279499 Datasheet PDF - PHOENIX CONTACT

Part # 2279499
Download  2279499 Click to download

File Size   304.43 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 22,5 UTG/FE BUS/102 GN - Mounting base housing

2279499 Datasheet (HTML) - PHOENIX CONTACT


2279499 Product details

DIN rail housing, Lower housing part with metal foot catch, with FE contact, tall design, without
vents, width: 22.6 mm, height: 99 mm, depth: 107.3 mm, color: green (similar RAL 6021), cross
connection: integrated bus connector, number of positions cross connector: 10+2, Bus
connector: 10 parallel contacts, 2 serial contacts




Similar Part No. - 2279499

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2279410 FESTO-2279410 Datasheet
82Kb / 1P
Adapter kit
2279453 FESTO-2279453 Datasheet
83Kb / 1P
Adapter kit
2279473 FESTO-2279473 Datasheet
82Kb / 1P
Adapter kit
More results


Similar Description - 2279499

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2915232 PHOENIX-2915232 Datasheet
75Kb / 6P
Electronic housing - ME 22,5 UT BUS/102 GN
2200740 PHOENIX-2200740 Datasheet
52Kb / 2P
Electronic housing - ME 22,5 UT BUS/102 KMGY
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2706108 PHOENIX-2706108 Datasheet
55Kb / 2P
Electronic housing - ME 45 UTG YE
11/05/2018
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2890124 PHOENIX-2890124 Datasheet
50Kb / 2P
Electronic housing - ME BUS 22,5 MC 5-ST KMGY
11/05/2018
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com