Electronic Components Datasheet Search
  English  ▼

X  

TGU968 Datasheet (PDF) - DFI Inc

TGU968 Datasheet PDF - DFI Inc
Part # TGU968
Download  TGU968 Download
File Size   877.67 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 11th Gen Intel® Processor COM Express® Compact

TGU968 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGU968 Datasheet PDF - DFI Inc

Part # TGU968
Download  TGU968 Click to download

File Size   877.67 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description 11th Gen Intel® Processor COM Express® Compact

TGU968 Datasheet (HTML) - DFI Inc


TGU968 Product details

Features
• Dual Channel DDR4 3200MHz SODIMM up to 64GB
• Three independent displays: VGA* + LVDS*/eDP + DDI
• DP++ supports 4K x 2K resolution
• Multiple expansion: Up to 8 PCIe x1, 1 I2C, 1 SMBus
• Rich I/O: 1 Intel 2.5GbE, 4 USB 3.2, 8 USB 2.0




Similar Part No. - TGU968

ManufacturerPart #DatasheetDescription
logo
DFI Inc
TGU9A2 DFI-TGU9A2 Datasheet
607Kb / 2P
11th Gen Intel® Processor COM Express® Mini
TGU9A2-B86-1115G4E DFI-TGU9A2-B86-1115G4E Datasheet
607Kb / 2P
11th Gen Intel® Processor COM Express® Mini
TGU9A2-B86-6305E DFI-TGU9A2-B86-6305E Datasheet
607Kb / 2P
11th Gen Intel® Processor COM Express® Mini
TGU9A2-T16-1145GRE DFI-TGU9A2-T16-1145GRE Datasheet
607Kb / 2P
11th Gen Intel® Processor COM Express® Mini
TGU9A2-T16-1185GRE DFI-TGU9A2-T16-1185GRE Datasheet
607Kb / 2P
11th Gen Intel® Processor COM Express® Mini
More results


Similar Description - TGU968

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KU968 DFI-KU968 Datasheet
1Mb / 2P
7th Gen Intel Core Processor COM Express Compact
WL968 DFI-WL968 Datasheet
967Kb / 2P
8th Gen Intel Core Processor COM Express Compact
logo
Advantech Co., Ltd.
SOM-6883 ADVANTECH-SOM-6883 Datasheet
4Mb / 6P
11th Gen. Intel® Core™ Processor U-Series (Code Name: Tiger Lake-UP3) COM Express® Compact Type6
29-Jul-2022
SOM-7583 ADVANTECH-SOM-7583 Datasheet
434Kb / 2P
11th Gen. Intel® Core™ Processor U-Series (Code Name: Tiger Lake-UP3) COM Express® Mini Type 10
12-Apr-2022
logo
AAEON Technology
COM-TGHB6 AAEON-COM-TGHB6 Datasheet
486Kb / 2P
COM Express Type 6 with 11th Generation Intel® Xeon/Core™ Processor Family
2022/11/11
COM-TGUC6 AAEON-COM-TGUC6 Datasheet
520Kb / 2P
COM Express Compact Type 6 with 11th Generation Intel® Core™ Processor Family (formerly Tiger Lake UP3)
2023/01/30
NANOCOM-TGU AAEON-NANOCOM-TGU Datasheet
416Kb / 2P
COM Express Type 10 with 11th Generation Intel® Core™ Processor
2022/12/05
logo
BCM Advanced Research.
EPC-TGU BCM-EPC-TGU Datasheet
979Kb / 2P
Compact Fanless System, 11th Gen Intel® Tiger Lake UP3 Processor onboard
03/29/2023
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
ESM-TGH BCM-ESM-TGH Datasheet
497Kb / 2P
PICMG COM R3.0 Type 6 module, 11th Gen Intel® Xeon/ Core™ BGA Processor
02/02/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com