Electronic Components Datasheet Search
  English  ▼

X  

2901628 Datasheet (PDF) - PHOENIX CONTACT

2901628 Datasheet PDF - PHOENIX CONTACT
Part # 2901628
Download  2901628 Download
File Size   1357.86 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX 35 LC U-U1 KMGY - Electronics housing

2901628 Datasheet (PDF)

Go To PDF Page Download Datasheet
2901628 Datasheet PDF - PHOENIX CONTACT

Part # 2901628
Download  2901628 Click to download

File Size   1357.86 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX 35 LC U-U1 KMGY - Electronics housing

2901628 Datasheet (HTML) - PHOENIX CONTACT


2901628 Product details

DIN rail housing, Complete housing with metal foot catch, tall design, with vents, width: 35.2 mm,
height: 99 mm, depth: 113.65 mm, color: light gray (similar RAL 7035), cross connection: DIN rail
connector (optional), number of positions cross connector: 5




Similar Part No. - 2901628

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
29016 BELDEN-29016 Datasheet
154Kb / 3P
ACIC 600V, 50G C #16 Str BC, XLPE Ins, PVC Jkt, AIA Armor, Blu PVC Jkt,90C Dry/Wet SUN RES -40C
04-08-2022
logo
PHOENIX CONTACT
2901604 PHOENIX-2901604 Datasheet
60Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/0,5M
2901605 PHOENIX-2901605 Datasheet
61Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/1,0M
2901606 PHOENIX-2901606 Datasheet
61Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/1,5M
2901607 PHOENIX-2901607 Datasheet
60Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/2
More results


Similar Description - 2901628

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869430 PHOENIX-2869430 Datasheet
58Kb / 4P
Electronic housing - ME 12,5 UT KMGY
2914822 PHOENIX-2914822 Datasheet
68Kb / 5P
Electronic housing - ME 35 UTG TBUS KMGY
2200384 PHOENIX-2200384 Datasheet
80Kb / 3P
Headers for ME/ME MAX electronics housing
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2706700 PHOENIX-2706700 Datasheet
53Kb / 3P
Cover - ME B-SA/NS 35 KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2890975 PHOENIX-2890975 Datasheet
52Kb / 2P
Electronic housing - ME MAX 45 MT 3-3 KMGY
09/12/2018
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
2890852 PHOENIX-2890852 Datasheet
136Kb / 4P
Housing part - ME MAX 35 MT 2-2 KMGY
11/25/2021
2200637 PHOENIX-2200637 Datasheet
139Kb / 4P
Housing part - ME MAX 45 MT G 3-3 KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com