Electronic Components Datasheet Search
  English  ▼

X  

2201326 Datasheet (PDF) - PHOENIX CONTACT

2201326 Datasheet PDF - PHOENIX CONTACT
Part # 2201326
Download  2201326 Download
File Size   1358.26 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX 45 U-U1 KMGY VPE1 - Electronics housing

2201326 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201326 Datasheet PDF - PHOENIX CONTACT

Part # 2201326
Download  2201326 Click to download

File Size   1358.26 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX 45 U-U1 KMGY VPE1 - Electronics housing

2201326 Datasheet (HTML) - PHOENIX CONTACT


2201326 Product details

DIN rail housing, Complete housing with metal foot catch, 2x screens, 2x transparent covers, tall
design, with vents, width: 45.2 mm, height: 99 mm, depth: 113.65 mm, color: light gray (similar
RAL 7035), cross connection: DIN rail connector (optional), number of positions cross connector:
5




Similar Part No. - 2201326

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201320 PHOENIX-2201320 Datasheet
1Mb / 8P
ME MAX 22,5 3-3 KMGY VPE1 - Electronics housing
2201321 PHOENIX-2201321 Datasheet
1Mb / 8P
ME MAX 22,5 F G 3-3 KMGY VPE1 - Electronics housing
2201322 PHOENIX-2201322 Datasheet
1Mb / 8P
ME MAX 22,5 SF G 2-2 KMGY VPE1 - Electronics housing
2201323 PHOENIX-2201323 Datasheet
1Mb / 8P
ME MAX 35 U-U1 KMGY VPE1 - Electronics housing
2201324 PHOENIX-2201324 Datasheet
1Mb / 8P
ME MAX 35 LC 2-2 KMGY VPE1 - Electronics housing
More results


Similar Description - 2201326

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869430 PHOENIX-2869430 Datasheet
58Kb / 4P
Electronic housing - ME 12,5 UT KMGY
2200384 PHOENIX-2200384 Datasheet
80Kb / 3P
Headers for ME/ME MAX electronics housing
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2890975 PHOENIX-2890975 Datasheet
52Kb / 2P
Electronic housing - ME MAX 45 MT 3-3 KMGY
09/12/2018
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2890852 PHOENIX-2890852 Datasheet
136Kb / 4P
Housing part - ME MAX 35 MT 2-2 KMGY
11/25/2021
2200637 PHOENIX-2200637 Datasheet
139Kb / 4P
Housing part - ME MAX 45 MT G 3-3 KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com