Electronic Components Datasheet Search
  English  ▼

X  

2199647 Datasheet (PDF) - PHOENIX CONTACT

2199647 Datasheet PDF - PHOENIX CONTACT
Part # 2199647
Download  2199647 Download
File Size   1351.05 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX 45 MT 2-2 KMGY - Intermediate element

2199647 Datasheet (PDF)

Go To PDF Page Download Datasheet
2199647 Datasheet PDF - PHOENIX CONTACT

Part # 2199647
Download  2199647 Click to download

File Size   1351.05 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX 45 MT 2-2 KMGY - Intermediate element

2199647 Datasheet (HTML) - PHOENIX CONTACT


2199647 Product details

DIN rail housing, Intermediate element, tall design, with vents, width: 22.6 mm, height: 99 mm,
depth: 112.85 mm, color: light gray (similar RAL 7035)




Similar Part No. - 2199647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2199618 PHOENIX-2199618 Datasheet
112Kb / 4P
MCO 1,5/ 5-G1L-3,5 KMGY
2199618 PHOENIX-2199618 Datasheet
126Kb / 3P
MSTBO 2,5/ 3-6 ST SET KMGY
2199618 PHOENIX-2199618 Datasheet
109Kb / 4P
MCO 1,5/ 3-G1L-3,5 KMGY
2199618 PHOENIX-2199618 Datasheet
109Kb / 4P
MCO 1,5/ 3-G1R-3,5 KMGY
2199618 PHOENIX-2199618 Datasheet
164Kb / 5P
MSTBO 2,5/ 3 G1L THRR44 BK
More results


Similar Description - 2199647

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200740 PHOENIX-2200740 Datasheet
52Kb / 2P
Electronic housing - ME 22,5 UT BUS/102 KMGY
2199650 PHOENIX-2199650 Datasheet
60Kb / 3P
Filler plugs - ME MAX TBUS BS KMGY
09/12/2020
2202542 PHOENIX-2202542 Datasheet
62Kb / 3P
PCB - ME MAX/16 2-2 TBUS DEV-PCB
09/12/2020
2713777 PHOENIX-2713777 Datasheet
55Kb / 3P
PCB - ME MAX LP SAMPLE MSTBO 2-2
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2890975 PHOENIX-2890975 Datasheet
52Kb / 2P
Electronic housing - ME MAX 45 MT 3-3 KMGY
09/12/2018
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2890852 PHOENIX-2890852 Datasheet
136Kb / 4P
Housing part - ME MAX 35 MT 2-2 KMGY
11/25/2021
2200637 PHOENIX-2200637 Datasheet
139Kb / 4P
Housing part - ME MAX 45 MT G 3-3 KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com