Electronic Components Datasheet Search
  English  ▼

X  

1236752 Datasheet (PDF) - PHOENIX CONTACT

1236752 Datasheet PDF - PHOENIX CONTACT
Part # 1236752
Download  1236752 Download
File Size   182.82 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX 45 PLATE YE - Insertion plate

1236752 Datasheet (PDF)

Go To PDF Page Download Datasheet
1236752 Datasheet PDF - PHOENIX CONTACT

Part # 1236752
Download  1236752 Click to download

File Size   182.82 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME MAX 45 PLATE YE - Insertion plate

1236752 Datasheet (HTML) - PHOENIX CONTACT


1236752 Product details

DIN rail housing, Insertion plate, width: 41.8 mm, height: 73.6 mm, depth: 1 mm, color: yellow
(similar RAL 1018)




Similar Part No. - 1236752

ManufacturerPart #DatasheetDescription
logo
Heyco.
12367 HEYCO-12367 Datasheet
131Kb / 1P
Shorty Side Entry Cable Holders
logo
Weidmuller
1236700000 WEIDMULLER-1236700000 Datasheet
585Kb / 7P
BCZ 3.81/17/180FZE SN OR BX
1236730000 WEIDMULLER-1236730000 Datasheet
583Kb / 7P
BCZ 3.81/19/180FZE SN OR BX
1236740000 WEIDMULLER-1236740000 Datasheet
582Kb / 7P
BCZ 3.81/20/180FZE SN OR BX
1236790000 WEIDMULLER-1236790000 Datasheet
538Kb / 7P
BCZ 3.81/05/180LRZE SN OR BX
More results


Similar Description - 1236752

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2706108 PHOENIX-2706108 Datasheet
55Kb / 2P
Electronic housing - ME 45 UTG YE
11/05/2018
2890975 PHOENIX-2890975 Datasheet
52Kb / 2P
Electronic housing - ME MAX 45 MT 3-3 KMGY
09/12/2018
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
2200637 PHOENIX-2200637 Datasheet
139Kb / 4P
Housing part - ME MAX 45 MT G 3-3 KMGY
11/25/2021
logo
Festo Corporation.
5395254 FESTO-5395254 Datasheet
46Kb / 1P
Blind plate
7/21/22
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
560956 FESTO-560956 Datasheet
58Kb / 1P
Plate
8/1/2
560957 FESTO-560957 Datasheet
74Kb / 1P
Plate
8/2/22
560955 FESTO-560955 Datasheet
67Kb / 1P
Plate
8/4/22
560959 FESTO-560959 Datasheet
75Kb / 1P
Plate
8/4/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com