Electronic Components Datasheet Search
  English  ▼

X  

SP1002-01JTG Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SP1002-01JTG Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SP1002-01JTG
Download  SP1002-01JTG Download
File Size   1212.31 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 8kV Bidirectional TVS Array

SP1002-01JTG Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1002-01JTG Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SP1002-01JTG
Download  SP1002-01JTG Click to download

File Size   1212.31 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 8kV Bidirectional TVS Array

SP1002-01JTG Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SP1002-01JTG Product details

Features
# Ultra low leakage: nA level
4 Low operating voltage: 6
Low clamping voltage
# Complies with following standards:
~ IEC 61000-4-2 (ESD) immunity test

Air discharge: +15kV/

Contact discharge: +8kV
~IEC61000-4-5 (Lightning)2A (8/20 us)
—IEC61000-4-4 (EFT) 40A (5/50ns)

4 ROHS Compliant




Similar Part No. - SP1002-01JTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1002-01JTG LITTELFUSE-SP1002-01JTG Datasheet
232Kb / 4P
SP1002 Series 5pF 8kV Bidirectional TVS Array
SP1002-01JTG LITTELFUSE-SP1002-01JTG Datasheet
548Kb / 1P
Audio ports typically have signals that swing above and below GND
SP1002-01JTG LITTELFUSE-SP1002-01JTG Datasheet
144Kb / 1P
Analog video ports typically have signals that swing above and below GND
SP1002-01JTG LITTELFUSE-SP1002-01JTG Datasheet
683Kb / 4P
5pF 8kV Bidirectional TVS Array
More results


Similar Description - SP1002-01JTG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LCV01-6 MICROSEMI-LCV01-6 Datasheet
86Kb / 2P
Bidirectional TVS Array
logo
Littelfuse
SP1002 LITTELFUSE-SP1002_11 Datasheet
232Kb / 4P
SP1002 Series 5pF 8kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004_11 Datasheet
245Kb / 4P
SP1004 Series 5pF 8kV Bidirectional TVS Array
logo
Yea Shin Technology Co....
YSESDA0502CT3 YEASHIN-YSESDA0502CT3 Datasheet
644Kb / 3P
BIDIRECTIONAL TVS DIODE ARRAY
YSMDAXXC YEASHIN-YSMDAXXC Datasheet
831Kb / 3P
BIDIRECTIONAL TVS ARRAY
YSMDAXXC-7 YEASHIN-YSMDAXXC-7 Datasheet
810Kb / 3P
BIDIRECTIONAL TVS ARRAY
logo
Littelfuse
SP1002 LITTELFUSE-SP1002_17 Datasheet
683Kb / 4P
5pF 8kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004_17 Datasheet
704Kb / 4P
5pF 8kV Bidirectional TVS Array
SP1007 LITTELFUSE-SP1007_17 Datasheet
1Mb / 5P
3.5pF 8kV Bidirectional Discrete TVS
logo
Rectron Semiconductor
TEPM24CV RECTRON-TEPM24CV Datasheet
321Kb / 4P
Bidirectional TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com