Electronic Components Datasheet Search
  English  ▼

X  

1344448 Datasheet (PDF) - PHOENIX CONTACT

1344448 Datasheet PDF - PHOENIX CONTACT
Part # 1344448
Download  1344448 Download
File Size   537.29 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-222/222-7035 - PCB connector

1344448 Datasheet (PDF)

Go To PDF Page Download Datasheet
1344448 Datasheet PDF - PHOENIX CONTACT

Part # 1344448
Download  1344448 Click to download

File Size   537.29 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-222/222-7035 - PCB connector

1344448 Datasheet (HTML) - PHOENIX CONTACT


1344448 Product details

PCB connector, nominal cross section: 1.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials:
6, number of rows: 2, number of positions: 6, number of connections: 6, product range: HSCPSP
1,5-.., pitch: 3.45 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 1,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring lever: red




Similar Part No. - 1344448

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1344449 PHOENIX-1344449 Datasheet
537Kb / 12P
HSCP-SP 1,5-1U6-444/444-7035 - PCB connector
More results


Similar Description - 1344448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APD-222G007 VISHAY-APD-222G007 Datasheet
69Kb / 2P
Plasma Panel Display Modules 222 x 7 Graphics Display with Drive Electronics Up to 37 Characters in Text Mode
08-Nov-00
logo
List of Unclassifed Man...
222BK ETC2-222BK Datasheet
532Kb / 2P
222 (exploded isometric)
logo
Microchip Technology
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
PIC10F220/222 Rev. A Silicon Errata
02/16/06
logo
List of Unclassifed Man...
220-P02-100 ETC2-220-P02-100 Datasheet
701Kb / 1P
FOR 221, 222, 223 SERIES CONNECTOR
logo
National Instruments Co...
PAT10016 NI-PAT10016_15 Datasheet
799Kb / 3P
222竊?RMS 1600 竊턮lts
logo
Mill-Max Mfg. Corp.
210-43-316-41-001000 MILL-MAX-210-43-316-41-001000 Datasheet
354Kb / 1P
SERIES 210, 222, 223 ??SOLDER TAIL AND WRAPOST ??CLOSED FRAME
210-47-624-41-001000 MILL-MAX-210-47-624-41-001000 Datasheet
354Kb / 1P
SERIES 210, 222, 223 ??SOLDER TAIL AND WRAPOST ??CLOSED FRAME
210-93-324-41-001000 MILL-MAX-210-93-324-41-001000 Datasheet
354Kb / 1P
SERIES 210, 222, 223 ??SOLDER TAIL AND WRAPOST ??CLOSED FRAME
logo
PHOENIX CONTACT
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
logo
ON Semiconductor
NVMFS2D3P04M8L ONSEMI-NVMFS2D3P04M8L Datasheet
278Kb / 9P
MOSFET - Power, Single P-Channel -40 V, 2.2 m, -222 A
March, 2021-Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com