Electronic Components Datasheet Search
  English  ▼

X  

1088581 Datasheet (PDF) - PHOENIX CONTACT

1088581 Datasheet PDF - PHOENIX CONTACT
Part # 1088581
Download  1088581 Download
File Size   744.6 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-24/24-7035 - PCB connector

1088581 Datasheet (PDF)

Go To PDF Page Download Datasheet
1088581 Datasheet PDF - PHOENIX CONTACT

Part # 1088581
Download  1088581 Click to download

File Size   744.6 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 2,5-1U4-24/24-7035 - PCB connector

1088581 Datasheet (HTML) - PHOENIX CONTACT


1088581 Product details

PCB connector, nominal cross section: 2.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
4, number of rows: 2, number of positions: 4, number of connections: 4, product range: HSCPSP
2,5-.., pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 2,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring levers:
red, yellow / red, yellow




Similar Part No. - 1088581

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1088582 PHOENIX-1088582 Datasheet
735Kb / 12P
HSCP-SP 2,5-1U4-56/56-7035 - PCB connector
More results


Similar Description - 1088581

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861454 PHOENIX-1861454 Datasheet
251Kb / 12P
FKCOR 2,5/24-ST-5,08
1605640 PHOENIX-1605640 Datasheet
162Kb / 6P
HC-B 24-ESTQ-2,5
3046692 PHOENIX-3046692 Datasheet
131Kb / 6P
UTTB 2,5-LA 24 RD
1989997 PHOENIX-1989997 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/24-2,5-F
1990232 PHOENIX-1990232 Datasheet
134Kb / 8P
PCB terminal block - PTSA 0,5/24-2,5-Z
1753877 PHOENIX-1753877 Datasheet
146Kb / 5P
MSTBV 2,5/24-G
1754876 PHOENIX-1754876 Datasheet
148Kb / 5P
MSTB 2,5/24-G
1910995 PHOENIX-1910995 Datasheet
55Kb / 4P
Printed-circuit board connector - SMSTB 2,5/24-ST-5,08 BKBD1-24
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
logo
Lapp.
44423206 LAPP-44423206 Datasheet
372Kb / 3P
EPIC® H-BE 24 SP / H-BE 24 BP
26.04.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com