Electronic Components Datasheet Search
  English  ▼

X  

BD138 Datasheet (PDF) - TRANSYS Electronics Limited

BD138 Datasheet PDF - TRANSYS Electronics Limited
Part # BD138
Download  BD138 Download
File Size   53.9 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description PNP PLASTIC POWER TRANSISTORS

BD138 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD138 Datasheet PDF - TRANSYS Electronics Limited

Part # BD138
Download  BD138 Click to download

File Size   53.9 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description PNP PLASTIC POWER TRANSISTORS

BD138 Datasheet (HTML) - TRANSYS Electronics Limited


BD138 Product details

TRANSISTOR (PNP)

FEATURES
    Power dissipation PCM: 1.25 W (Tamb=25℃)
    Collector current ICM: -1.5 A
    Operating and storage junction temperature range TJ, Tstg: -55℃ to +150℃




Similar Part No. - BD138

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD138 MOTOROLA-BD138 Datasheet
104Kb / 4P
Plastic Medium Power Silicon PNP Transistor
logo
NXP Semiconductors
BD138 PHILIPS-BD138 Datasheet
44Kb / 8P
PNP power transistors
1999 Apr 12
logo
STMicroelectronics
BD138 STMICROELECTRONICS-BD138 Datasheet
44Kb / 4P
PNP SILICON TRANSISTORS
Jun-1997
logo
Siemens Semiconductor G...
BD138 SIEMENS-BD138 Datasheet
188Kb / 5P
PNP SILICON TRANSISTORS
logo
Fairchild Semiconductor
BD138 FAIRCHILD-BD138 Datasheet
41Kb / 4P
Medium Power Linear and Switching Applications
More results


Similar Description - BD138

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6486 BOCA-2N6486 Datasheet
26Kb / 2P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
List of Unclassifed Man...
BD202 ETC-BD202 Datasheet
26Kb / 3P
PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSB631 CDIL-CSB631 Datasheet
125Kb / 3P
PNP PLASTIC POWER TRANSISTORS
CSA968 CDIL-CSA968 Datasheet
123Kb / 3P
PNP PLASTIC POWER TRANSISTORS
CSB857 CDIL-CSB857 Datasheet
82Kb / 3P
PNP / NPN PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BDX33 TEL-BDX33 Datasheet
100Kb / 3P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSA1220 CDIL-CSA1220 Datasheet
150Kb / 3P
PNP PLASTIC POWER TRANSISTORS
MJE170 CDIL-MJE170 Datasheet
556Kb / 3P
PNP PLASTIC POWER TRANSISTORS
BF470 CDIL-BF470 Datasheet
127Kb / 3P
PNP PLASTIC POWER TRANSISTORS
BDX33 CDIL-BDX33 Datasheet
188Kb / 4P
NPN/PNP PLASTIC POWER TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com