Electronic Components Datasheet Search
  English  ▼

X  

SIS4080A Datasheet (PDF) - Silicon Supplies

SIS4080A Datasheet PDF - Silicon Supplies
Part # SIS4080A
Download  SIS4080A Download
File Size   416.64 Kbytes
Page   10 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description N‐Channel MOSFET Driver

SIS4080A Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS4080A Datasheet PDF - Silicon Supplies

Part # SIS4080A
Download  SIS4080A Click to download

File Size   416.64 Kbytes
Page   10 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description N‐Channel MOSFET Driver

SIS4080A Datasheet (HTML) - Silicon Supplies


SIS4080A Product details

Features
Latchup free operation via all-around dielectric isolation
Reduced leakage current & parasitic capacitance for
improved power consumption & higher speed
N-Channel FET full bridge with high side chop capability
Maximum bootstrap supply voltage 95VDC
1000pF load drive at ≥1MHz, tr / tf = 10ns
User-programmable dead time
Charge-pump & bootstrap maintain upper bias supplies
DIS (Disable) pin pulls gates low
Input logic thresholds interface 5V to 15V logic levels
Very low power consumption
Under-voltage protection
Wide automotive temperature range.




Similar Part No. - SIS4080A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS402DN VISHAY-SIS402DN Datasheet
126Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Aug-08
SIS402DN VISHAY-SIS402DN Datasheet
563Kb / 13P
N-Channel 30-V (D-S) MOSFET
15-Jun-09
logo
Vishay Telefunken
SIS402DN TFUNK-SIS402DN Datasheet
555Kb / 13P
N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SIS402DN DOINGTER-SIS402DN Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SIS402DN VISHAY-SIS402DN Datasheet
561Kb / 13P
N-Channel 30-V (D-S) MOSFET
15-Jun-09
More results


Similar Description - SIS4080A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4441 LINER-LTC4441 Datasheet
154Kb / 12P
N-Channel MOSFET Gate Driver
logo
Gunter Seniconductor Gm...
GLC024 GSG-GLC024 Datasheet
113Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVER
GLC034 GSG-GLC034 Datasheet
118Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVER
GLC110 GSG-GLC110 Datasheet
111Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVER
GLC130 GSG-GLC130 Datasheet
117Kb / 1P
N Channel Power MOSFET FOR LOGIC DRIVER
logo
Linear Dimensions Semic...
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LTC4441 LINER-LTC4441_15 Datasheet
203Kb / 16P
N-Channel MOSFET Gate Driver
LTC4441-1 LINER-LTC4441-1_15 Datasheet
203Kb / 16P
N-Channel MOSFET Gate Driver
LTC4444-5 LINER-LTC4444-5_15 Datasheet
179Kb / 14P
High Voltage Synchronous N-Channel MOSFET Driver
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
Half Bridge N-Channel Power MOSFET Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com