Electronic Components Datasheet Search
  English  ▼

X  

CD4001B Datasheet (PDF) - Silicon Supplies

CD4001B Datasheet PDF - Silicon Supplies
Part # CD4001B_V01
Download  CD4001B Download
File Size   276.23 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS High Voltage Logic

CD4001B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4001B Datasheet PDF - Silicon Supplies

Part # CD4001B_V01
Download  CD4001B Click to download

File Size   276.23 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS High Voltage Logic

CD4001B Datasheet (HTML) - Silicon Supplies


CD4001B Product details

Features
High Input Voltage up to 20V
Symmetrical Output Characteristics
Max input current 1μA at 18V over full Military
Temperature Range
Low Power TTL compatible
Specified at 5V, 10V & 15V
Direct drop-in replacement for obsolete
components in long term programs.




Similar Part No. - CD4001B_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4001B-MIL TI1-CD4001B-MIL Datasheet
1Mb / 18P
CMOS NOR Gates
CD4001B-MIL TI2-CD4001B-MIL Datasheet
1,020Kb / 23P
CMOS NOR Gates
Revised August 2003
logo
National Semiconductor ...
CD4001BC NSC-CD4001BC Datasheet
167Kb / 6P
Quad 2-Input NOR,NAND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4001BC FAIRCHILD-CD4001BC Datasheet
118Kb / 9P
Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
logo
National Semiconductor ...
CD4001BC NSC-CD4001BC Datasheet
164Kb / 6P
Quad 2-Input NOR(NAND) Buffered B Series Gate
More results


Similar Description - CD4001B_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com