Electronic Components Datasheet Search
  English  ▼

X  

AL8866Q Datasheet (PDF) - Diodes Incorporated

AL8866Q Datasheet PDF - Diodes Incorporated
Part # AL8866Q
Download  AL8866Q Download
File Size   1086.83 Kbytes
Page   30 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description BUCK-BOOST, BOOST, BUCK AND SEPIC LED CONTROLLER

AL8866Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AL8866Q Datasheet PDF - Diodes Incorporated

Part # AL8866Q
Download  AL8866Q Click to download

File Size   1086.83 Kbytes
Page   30 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description BUCK-BOOST, BOOST, BUCK AND SEPIC LED CONTROLLER

AL8866Q Datasheet (HTML) - Diodes Incorporated


AL8866Q Product details

Features
• AEC-Q100 (Grade 1)
• Wide Input Voltage Range from 4.7V to 85V
• Pre-Fixed 400kHz Switching Frequency (Factory Set)
• Spread Spectrum Frequency Modulation for Low EMI
• Analog Dimming Range: 1% to 100%
▪ 100% Dimming Level ±3% Current Accuracy
▪ 20% Dimming Level ±12% Current Accuracy
• PWM Dimming Ratio 100:1 at 200Hz PWM Frequency
• Programmable Soft Start
• Fault Status Indicator for Protections
• Output Overvoltage and LED Open Circuit Protection
• Output Undervoltage and LED Short Circuit Protection
• Cycle-by-Cycle Overcurrent Limitation Protection
• Sense Resistor Shorted Circuit Protection
• Diode/Inductor Shorted Circuit Protection
• Diode Open Circuit Protection
• Thermal Shutdown
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The AL8866Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/

Applications
• Automotive front lightings
• Automotive high beams, low beams
• Automotive daytime running lights
• Automotive fog lights, turn lights and position lights
• Other automotive LED lightings




Similar Part No. - AL8866Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 1
AL8860 DIODES-AL8860 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
AL8860MP-13 DIODES-AL8860MP-13 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
AL8860Q DIODES-AL8860Q Datasheet
884Kb / 15P
HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
AL8860QMP-13 DIODES-AL8860QMP-13 Datasheet
884Kb / 15P
HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
More results


Similar Description - AL8866Q

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THV1022E THINE-THV1022E Datasheet
16Kb / 1P
2ch Buck/Boost Controller
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Rev 3
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
FEBRUARY 2012
logo
Rohm
BD8303MUV ROHM-BD8303MUV_15 Datasheet
1Mb / 27P
Synchronous Buck-Boost Controller
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
Boost/buck-boost DC-DC controller
logo
Diodes Incorporated
AL8871Q DIODES-AL8871Q Datasheet
772Kb / 28P
60V BUCK-BOOST LED CONTROLLER
August 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com