Electronic Components Datasheet Search
  English  ▼

X  

74HC05 Datasheet (PDF) - Silicon Supplies

74HC05 Datasheet PDF - Silicon Supplies
Part # 74HC05_V01
Download  74HC05 Download
File Size   633.38 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description High Speed CMOS Logic

74HC05 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC05 Datasheet PDF - Silicon Supplies

Part # 74HC05_V01
Download  74HC05 Click to download

File Size   633.38 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description High Speed CMOS Logic

74HC05 Datasheet (HTML) - Silicon Supplies


74HC05 Product details

Features
Output Drive Capability: 10 LSTTL Loads*
Low Input Current: 1μA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
Function compatible with 74LS05
High Noise Immunity CMOS process.




Similar Part No. - 74HC05_V01

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC05-Q100 NEXPERIA-74HC05-Q100 Datasheet
858Kb / 15P
Hex inverter with open-drain outputs
logo
NXP Semiconductors
74HC05BQ NXP-74HC05BQ Datasheet
90Kb / 13P
Hex inverter with open-drain outputs
Rev. 02-18 June 2009
logo
Nexperia B.V. All right...
74HC05BQ NEXPERIA-74HC05BQ Datasheet
229Kb / 13P
Hex inverter with open-drain outputs
Rev. 3 - 8 July 2020
74HC05BQ-Q100 NEXPERIA-74HC05BQ-Q100 Datasheet
858Kb / 15P
Hex inverter with open-drain outputs
logo
NXP Semiconductors
74HC05D NXP-74HC05D Datasheet
90Kb / 13P
Hex inverter with open-drain outputs
Rev. 02-18 June 2009
More results


Similar Description - 74HC05_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com