Electronic Components Datasheet Search
  English  ▼

X  

1074968 Datasheet (PDF) - PHOENIX CONTACT

1074968 Datasheet PDF - PHOENIX CONTACT
Part # 1074968
Download  1074968 Download
File Size   298.64 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EH 45 F-B/ABS-PC BK9005 - Mounting base housing

1074968 Datasheet (PDF)

Go To PDF Page Download Datasheet
1074968 Datasheet PDF - PHOENIX CONTACT

Part # 1074968
Download  1074968 Click to download

File Size   298.64 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EH 45 F-B/ABS-PC BK9005 - Mounting base housing

1074968 Datasheet (HTML) - PHOENIX CONTACT


1074968 Product details

DIN rail housing, Lower housing part with base latch, flat design, without vents, width: 45.1 mm,
height: 75 mm, depth: 30.3 mm, color: black (similar RAL 9005), cross connection: without bus
connector, number of positions cross connector: not relevant




Similar Part No. - 1074968

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1074963 PHOENIX-1074963 Datasheet
287Kb / 7P
EH 45 F-C DS/ABS-PC BK9005 - Upper housing part
1074964 PHOENIX-1074964 Datasheet
291Kb / 7P
EH 45 F-C SS/ABS-PC BK9005 - Upper housing part
1074965 PHOENIX-1074965 Datasheet
285Kb / 7P
EH 45 F-C CS/ABS-PC GY7035 - Upper housing part
1074966 PHOENIX-1074966 Datasheet
286Kb / 7P
EH 45 F-C DS/ABS-PC GY7035 - Upper housing part
1074967 PHOENIX-1074967 Datasheet
290Kb / 7P
EH 45 F-C SS/ABS-PC GY7035 - Upper housing part
More results


Similar Description - 1074968

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
BX0036 BULGIN-BX0036 Datasheet
97Kb / 1P
BATTERY HOLDERS PC/Base Mounting
BX0123 BULGIN-BX0123 Datasheet
92Kb / 1P
BATTERY HOLDERS PC/Base Mounting
FX0321 BULGIN-FX0321 Datasheet
86Kb / 1P
PC and Base Mounting, PC1
logo
PHOENIX CONTACT
2201448 PHOENIX-2201448 Datasheet
89Kb / 5P
Upper part of housing - EH 45 F-C SS/ABS BK9005
09/12/2020
2201742 PHOENIX-2201742 Datasheet
107Kb / 7P
Mounting base housing - EH 70-B/ABS GY7035
09/12/2020
logo
HARTING Technology Grou...
09-15-503-5401 HARTING-09-15-503-5401 Datasheet
526Kb / 2P
Han FB cover-housing
2021-10-01
logo
PHOENIX CONTACT
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
106461 PHOENIX-106461 Datasheet
618Kb / 21P
Series EH...F electronics housings
2015-03-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com