Electronic Components Datasheet Search
  English  ▼

X  

YPY1105W Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

YPY1105W Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # YPY1105W
Download  YPY1105W Download
File Size   396.6 Kbytes
Page   19 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color High Brightness Type

YPY1105W Datasheet (PDF)

Go To PDF Page Download Datasheet
YPY1105W Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # YPY1105W
Download  YPY1105W Click to download

File Size   396.6 Kbytes
Page   19 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color High Brightness Type

YPY1105W Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


YPY1105W Product details

Product features

・Outer Dimension 3.2 x 1.6 x 1.85mm ( L x W x H )

・Temperature range

  Storage Temperature : -40℃~120℃

  Operating Temperature : -40℃~100℃

・Lead–free soldering compatible

・RoHS compliant




Similar Part No. - YPY1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1105W STANLEY-YPY1105W Datasheet
440Kb / 19P
Single Color High Brightness Type
More results


Similar Description - YPY1105W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FY1101F STANLEY-FY1101F Datasheet
245Kb / 16P
Single Color High Brightness Type
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
Single Color High Brightness Type
FR1112H-TR STANLEY-FR1112H-TR Datasheet
372Kb / 20P
Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
Single Color High Brightness Type
FY1112C-TR STANLEY-FY1112C-TR Datasheet
281Kb / 16P
Single Color High Brightness Type
FR1111C-TR STANLEY-FR1111C-TR Datasheet
374Kb / 20P
Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
Single Color High Brightness Type
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
Single Color High Brightness Type
logo
Stanford Microdevices
FY1105W-RR STANFORD-FY1105W-RR Datasheet
440Kb / 19P
Single Color High Brightness Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com