Electronic Components Datasheet Search
  English  ▼

X  

PY1105CK Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

PY1105CK Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # PY1105CK
Download  PY1105CK Download
File Size   205.26 Kbytes
Page   12 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color Super Wide Angle ( h=0.5 mm)

PY1105CK Datasheet (PDF)

Go To PDF Page Download Datasheet
PY1105CK Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # PY1105CK
Download  PY1105CK Click to download

File Size   205.26 Kbytes
Page   12 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color Super Wide Angle ( h=0.5 mm)

PY1105CK Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


PY1105CK Product details

Features
Product features
• Outer Dimension 1.6 x 1.25 x 0.5mm ( L x W x H )
• Temperature range
    Storage Temperature : -40℃~ 100℃
    Operating Temperature : -40℃~ 85℃
• Lead–free soldering compatible
• RoHS compliant




Similar Part No. - PY1105CK

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PY1101F STANLEY-PY1101F Datasheet
367Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
PY1101F STANLEY-PY1101F Datasheet
410Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
PY1101F STANLEY-PY1101F Datasheet
410Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
PY1101W STANLEY-PY1101W Datasheet
162Kb / 2P
1101W Series Standard Type Flat Lens SMT LED
PY1101W STANLEY-PY1101W Datasheet
724Kb / 21P
Single Color 3216 Type
More results


Similar Description - PY1105CK

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1101F STANLEY-1101F Datasheet
367Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
YPY1105C-0005 STANLEY-YPY1105C-0005 Datasheet
255Kb / 14P
Single Color Super Wide Angle Type (h=0.5 mm)
FR1106W STANLEY-FR1106W Datasheet
216Kb / 13P
Single Color Super Wide Angle Type (h=1.3 mm)
YPY1114C-0005 STANLEY-YPY1114C-0005 Datasheet
264Kb / 14P
Single Color 1608 (h=0.4 mm) Type
UB1105C-0005 STANLEY-UB1105C-0005 Datasheet
316Kb / 17P
Single Color Super Wide Angle Type (h=0.5 mm)
UB1106W STANLEY-UB1106W Datasheet
312Kb / 16P
Single Color Super Wide Angle Type (h=1.3 mm)
UB1114C-0005 STANLEY-UB1114C-0005 Datasheet
326Kb / 17P
Single Color 1608 (h=0.4 mm) Type
NU1106W STANLEY-NU1106W Datasheet
363Kb / 11P
Single Color Super Wide Angle Type (t=1.3 mm)
SB1118C-0002 STANLEY-SB1118C-0002 Datasheet
250Kb / 14P
Single Color 1608 (h=0.35 mm) Type
BG1101F-TR STANLEY-BG1101F-TR Datasheet
410Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com