Electronic Components Datasheet Search
  English  ▼

X  

2202197 Datasheet (PDF) - PHOENIX CONTACT

2202197 Datasheet PDF - PHOENIX CONTACT
Part # 2202197
Download  2202197 Download
File Size   316.31 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EH 22,5-B/ABS - Mounting base housing

2202197 Datasheet (PDF)

Go To PDF Page Download Datasheet
2202197 Datasheet PDF - PHOENIX CONTACT

Part # 2202197
Download  2202197 Click to download

File Size   316.31 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EH 22,5-B/ABS - Mounting base housing

2202197 Datasheet (HTML) - PHOENIX CONTACT


2202197 Product details

DIN rail housing, Lower housing part with base latch, tall design, with vents, width: 22.6 mm,
height: 75 mm, depth: 87.3 mm, color: green (similar RAL 6021), cross connection: without bus
connector, number of positions cross connector: not relevant




Similar Part No. - 2202197

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2202193 PHOENIX-2202193 Datasheet
347Kb / 7P
BC 53,6 OT U22 BK 9005 - Upper housing part
2202198 PHOENIX-2202198 Datasheet
290Kb / 7P
EH 22,5-C SS/ABS - Upper housing part
2202199 PHOENIX-2202199 Datasheet
287Kb / 7P
EH 22,5-C DS/ABS - Upper housing part
More results


Similar Description - 2202197

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2201448 PHOENIX-2201448 Datasheet
89Kb / 5P
Upper part of housing - EH 45 F-C SS/ABS BK9005
09/12/2020
2201742 PHOENIX-2201742 Datasheet
107Kb / 7P
Mounting base housing - EH 70-B/ABS GY7035
09/12/2020
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2890904 PHOENIX-2890904 Datasheet
53Kb / 2P
Electronic housing - EG 22,5-G/ABS BK S85
11/05/2018
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2914987 PHOENIX-2914987 Datasheet
264Kb / 9P
Mounting base housing - ME 22,5 UT/FE BU
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com