Electronic Components Datasheet Search
  English  ▼

X  

ME6228A Datasheet (PDF) - List of Unclassifed Manufacturers

ME6228A Datasheet PDF - List of Unclassifed Manufacturers
Part # ME6228A
Download  ME6228A Download
File Size   530.04 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 150mA load, 0.8 uA low power consumption, 30V high voltage linear regulator

ME6228A Datasheet (PDF)

Go To PDF Page Download Datasheet
ME6228A Datasheet PDF - List of Unclassifed Manufacturers

Part # ME6228A
Download  ME6228A Click to download

File Size   530.04 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 150mA load, 0.8 uA low power consumption, 30V high voltage linear regulator

ME6228A Datasheet (HTML) - List of Unclassifed Manufacturers


ME6228A Product details

Features
● High input voltage: up to 30V
● Ultra-low quiescent current output: 0.8uA (Typ)
●Output voltage range: 1.5~12V
● Output voltage accuracy:
±1% (VOUT =3.3V, 3.6V, 5.0V)
±2% (other voltage values)
● Output current: IOUT = 150mA
(VIN = 4.8V & VOUT =3.3V)
● Short circuit current: 18mA
● Low temperature coefficient
●Using low ESR ceramic capacitors for stable output




Similar Part No. - ME6228A

ManufacturerPart #DatasheetDescription
logo
Nanjing Micro One Elect...
ME6209 MICRONE-ME6209 Datasheet
608Kb / 14P
Low Power Consumption LDO ME6209 Series
V12
ME6209A18M3G MICRONE-ME6209A18M3G Datasheet
608Kb / 14P
Low Power Consumption LDO ME6209 Series
V12
ME6209A25TG MICRONE-ME6209A25TG Datasheet
608Kb / 14P
Low Power Consumption LDO ME6209 Series
V12
ME6209A27M3G MICRONE-ME6209A27M3G Datasheet
608Kb / 14P
Low Power Consumption LDO ME6209 Series
V12
ME6209A33PG MICRONE-ME6209A33PG Datasheet
608Kb / 14P
Low Power Consumption LDO ME6209 Series
V12
More results


Similar Description - ME6228A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8551 BELLING-BL8551 Datasheet
941Kb / 12P
150mA CMOS High Input Voltage Low Consumption Regulator
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
Low Input Voltage 150mA Linear Regulator
MP2000 MPS-MP2000_06 Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
logo
ACE Technology Co., LTD...
ACE577C ACE-ACE577C Datasheet
657Kb / 9P
40V 150mA Low Consumption Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8078 BELLING-BL8078 Datasheet
1,005Kb / 5P
40V 150mA Low Consumption Linear Regulator
logo
Fitipower Integrated Te...
FP6160 FITIPOWER-FP6160 Datasheet
435Kb / 9P
150mA High Voltage Low Dropout Linear Regulator
logo
First Silicon Co., Ltd
FC6160 FS-FC6160 Datasheet
410Kb / 8P
150mA High Voltage Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM6239 HMSEMI-HM6239 Datasheet
568Kb / 7P
250mA load, 1.5uA low power consumption, 30V high withstand voltage linear regulator
logo
AiT Semiconductor Inc.
A6140 AITSEMI-A6140 Datasheet
692Kb / 12P
CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 36V, 150mA, LOW POWER CONSUMPTION
REV2.0
A6141 AITSEMI-A6141 Datasheet
441Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 40V 150mA LOW CONSUMPTION LINEAR REGULATOR
REV1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com