Electronic Components Datasheet Search
  English  ▼

X  

54HC74 Datasheet (PDF) - Silicon Supplies

54HC74 Datasheet PDF - Silicon Supplies
Part # 54HC74
Download  54HC74 Download
File Size   705.83 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description High Speed CMOS Logic

54HC74 Datasheet (PDF)

Go To PDF Page Download Datasheet
54HC74 Datasheet PDF - Silicon Supplies

Part # 54HC74
Download  54HC74 Click to download

File Size   705.83 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description High Speed CMOS Logic

54HC74 Datasheet (HTML) - Silicon Supplies


54HC74 Product details

Features:
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Low Input Current: 1μA
Asynchronous Set-Reset Capability
±4mA Output Drive at 5V
Operating Voltage Range: 2.0 to 6.0 V
Direct drop-in replacement for obsolete components
in long term programs.




Similar Part No. - 54HC74

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
54HC74 MOTOROLA-54HC74 Datasheet
153Kb / 6P
Dual D-Type Flip-Flop with Set and Reset
logo
Silicon Supplies
54HC74 SS-54HC74 Datasheet
468Kb / 6P
High Speed CMOS Logic
54HC74 SS-54HC74 Datasheet
467Kb / 6P
High Speed CMOS Logic
54HC74 SS-54HC74 Datasheet
791Kb / 6P
High Speed CMOS Logic
54HC74 SS-54HC74_V01 Datasheet
791Kb / 6P
High Speed CMOS Logic
More results


Similar Description - 54HC74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com