Electronic Components Datasheet Search
  English  ▼

X  

AT9423WW Datasheet (PDF) - Atom Lighting

AT9423WW Datasheet PDF - Atom Lighting
Part # AT9423WW
Download  AT9423WW Download
File Size   1473.68 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description 5.1W, 8.3W, 9.4W and 9.8W Frosted and clear GLS Lamps

AT9423WW Datasheet (PDF)

Go To PDF Page Download Datasheet
AT9423WW Datasheet PDF - Atom Lighting

Part # AT9423WW
Download  AT9423WW Click to download

File Size   1473.68 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description 5.1W, 8.3W, 9.4W and 9.8W Frosted and clear GLS Lamps

AT9423WW Datasheet (HTML) - Atom Lighting


AT9423WW Product details

Features
* Instantlight
* Long life
* No Mercury content
* High CRi reflecting colours accurately

Description
AT9423: 9.4W Non-Dimmable GLS Lamp - Frosted.
AT9424: 9.8W Dimmable GLS Lamp - Frosted.
AT9474: 8.3W Dimmable GLS Filament Lamp - Clear.
AT9476: 5.1W Dimmable GLS Filament Lamp - Clear.




Similar Part No. - AT9423WW

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
AT9421 ATOM-AT9421 Datasheet
1Mb / 2P
4.8W and 6W Frosted and Clear Dimmable Candle Lamps
18.11.19
AT9421BC ATOM-AT9421BC Datasheet
1Mb / 2P
4.8W and 6W Frosted and Clear Dimmable Candle Lamps
18.11.19
AT9421CW ATOM-AT9421CW Datasheet
1Mb / 2P
4.8W and 6W Frosted and Clear Dimmable Candle Lamps
18.11.19
AT9421DL ATOM-AT9421DL Datasheet
1Mb / 2P
4.8W and 6W Frosted and Clear Dimmable Candle Lamps
18.11.19
AT9421ES ATOM-AT9421ES Datasheet
1Mb / 2P
4.8W and 6W Frosted and Clear Dimmable Candle Lamps
18.11.19
More results


Similar Description - AT9423WW

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-6305A QT-HLMP-6305A Datasheet
39Kb / 4P
SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Fairchild Semiconductor
HLMP-6305A FAIRCHILD-HLMP-6305A Datasheet
519Kb / 6P
SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Gilway Technical Lamp
L1050-C GILWAY-L1050-C Datasheet
118Kb / 1P
Lens-End Halogen Lamps , Clear-End Halogen Lamps
logo
IDEA.lnc.
JRC2351 IDEA-JRC2351 Datasheet
24Kb / 1P
Blue Clear and Diffused, Water Clear LED
logo
Fairchild Semiconductor
HLMPQ150AGR FAIRCHILD-HLMPQ150AGR Datasheet
524Kb / 6P
DIFFUSED AND CLEAR LAMPS
logo
Everlight Electronics C...
HLMP-6305A EVERLIGHT-HLMP-6305A Datasheet
524Kb / 6P
SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
Fairchild Semiconductor
HLMPQ155A FAIRCHILD-HLMPQ155A Datasheet
520Kb / 6P
SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMPQ155AGR FAIRCHILD-HLMPQ155AGR Datasheet
520Kb / 6P
SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMP6305AZR FAIRCHILD-HLMP6305AZR Datasheet
111Kb / 5P
SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
HLMPQ106AYR FAIRCHILD-HLMPQ106AYR Datasheet
111Kb / 5P
SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com