Electronic Components Datasheet Search
  English  ▼

X  

18954 Datasheet (PDF) - Atom Lighting

18954 Datasheet PDF - Atom Lighting
Part # 18954
Download  18954 Download
File Size   634.37 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9479 INSECT

18954 Datasheet (PDF)

Go To PDF Page Download Datasheet
18954 Datasheet PDF - Atom Lighting

Part # 18954
Download  18954 Click to download

File Size   634.37 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9479 INSECT

18954 Datasheet (HTML) - Atom Lighting


18954 Product details

Description
12W A60 ANTI-MOSQUITO LED LAMP E27 NON-DIMM




Similar Part No. - 18954

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
189543--1 MACOM-189543--1 Datasheet
108Kb / 4P
0.8mm CHAMP* Crimper Assemblies
189543--2 MACOM-189543--2 Datasheet
108Kb / 4P
0.8mm CHAMP* Crimper Assemblies
189544--1 MACOM-189544--1 Datasheet
108Kb / 4P
0.8mm CHAMP* Crimper Assemblies
189544--2 MACOM-189544--2 Datasheet
108Kb / 4P
0.8mm CHAMP* Crimper Assemblies
logo
Weidmuller
1895460000 WEIDMULLER-1895460000 Datasheet
312Kb / 22P
System pitch 5.00 mm (0.197 inch) BL 5.00/02/180 SN BK BX
February 14, 2011 12:47:53 PM
More results


Similar Description - 18954

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
35-91401 NTE-35-91401 Datasheet
38Kb / 4P
Insect Shield Insect Repellant Towel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com