Electronic Components Datasheet Search
  English  ▼

X  

18952 Datasheet (PDF) - Atom Lighting

18952 Datasheet PDF - Atom Lighting
Part # 18952
Download  18952 Download
File Size   852.73 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9479 UV

18952 Datasheet (PDF)

Go To PDF Page Download Datasheet
18952 Datasheet PDF - Atom Lighting

Part # 18952
Download  18952 Click to download

File Size   852.73 Kbytes
Page   2 Pages
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting
Description AT9479 UV

18952 Datasheet (HTML) - Atom Lighting


18952 Product details

Description
12W A60 UV BLACKLIGHT LED LAMP E27 NON-DIMM




Similar Part No. - 18952

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1895230000 WEIDMULLER-1895230000 Datasheet
312Kb / 22P
System pitch 5.00 mm (0.197 inch) BL 5.00/02/180 SN BK BX
February 14, 2011 12:47:53 PM
More results


Similar Description - 18952

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KME-M001C KODENSHI-KME-M001C Datasheet
48Kb / 1P
UV Sensor
logo
Silonex Inc.
NSL-21UV401 SILONEX-NSL-21UV401 Datasheet
26Kb / 1P
UV Photocell
logo
NICHIA CORPORATION
NSHU550A NICHIA-NSHU550A Datasheet
286Kb / 14P
UV LED
NSHU550B NICHIA-NSHU550B Datasheet
218Kb / 14P
UV LED
logo
Marktech Corporate
MT3650W3-UV MARKTECH-MT3650W3-UV Datasheet
763Kb / 4P
UV Emitter
MT3700W3-UV MARKTECH-MT3700W3-UV Datasheet
763Kb / 4P
UV Emitter
logo
List of Unclassifed Man...
GUVC-T11GS4-3LW5.0 ETC-GUVC-T11GS4-3LW5.0 Datasheet
174Kb / 1P
Uv sensor
logo
Roithner LaserTechnik G...
LED375 ROITHNER-LED375 Datasheet
907Kb / 8P
UV LED
XSL-365-SD ROITHNER-XSL-365-SD Datasheet
395Kb / 5P
UV LED
XSL-375-TB-5 ROITHNER-XSL-375-TB-5 Datasheet
287Kb / 5P
UV LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com