Electronic Components Datasheet Search
  English  ▼

X  

942998028 Datasheet (PDF) - Belden Inc.

942998028 Datasheet PDF - Belden Inc.
Part # 942998028
Download  942998028 Download
File Size   225.01 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MIMO WLAN, TNCm, 3m cables

942998028 Datasheet (PDF)

Go To PDF Page Download Datasheet
942998028 Datasheet PDF - Belden Inc.

Part # 942998028
Download  942998028 Click to download

File Size   225.01 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MIMO WLAN, TNCm, 3m cables

942998028 Datasheet (HTML) - Belden Inc.


942998028 Product details

Product Description
Railway Indoor Antenna with MIMO WLAN + EN50155 + 3m Cable. Vertical and cross polarized dual-band antenna for signal enhancement in WLAN networks.




Similar Part No. - 942998028

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
942998020 BELDEN-942998020 Datasheet
249Kb / 1P
MIMO LTE MIMO WLAN, SMAm, 3m cable
02-03-2025
942998021 BELDEN-942998021 Datasheet
228Kb / 1P
MIMO LTE, TNCm, 3m cable
02-03-2025
942998022 BELDEN-942998022 Datasheet
228Kb / 1P
MIMO LTE MIMO WLAN GPS, TNCm, 3m cable
02-03-2025
942998023 BELDEN-942998023 Datasheet
228Kb / 1P
MIMO LTE GPS, TNCm, 3m cable
02-03-2025
942998024 BELDEN-942998024 Datasheet
229Kb / 1P
4x4 MIMO LTE MIMO WLAN GPS, TNCm, 3m cables
02-03-2025
More results


Similar Description - 942998028

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65230-11 SKYWORKS-SKY65230-11 Datasheet
411Kb / 13P
WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
SKY65228-11 SKYWORKS-SKY65228-11 Datasheet
303Kb / 9P
WLAN 802.11n Single Band 4.9-5.85 GHz MIMO Intera Front-End Module
logo
List of Unclassifed Man...
WMA01301151 ETC2-WMA01301151 Datasheet
789Kb / 15P
Trinity 3dBi 2.4-2.5GHz MIMO Antenna Wi-fi/ISM Bands/ZigBee/WLAN/Bluetooth
logo
Taoglas antenna solutio...
FXP524D07C001 TAOGLAS-FXP524D07C001 Datasheet
1Mb / 19P
Venti Wlan Mimo 2.4/5.0GHz Antenna with 4ports
logo
Texas Instruments
WL1835MODCOM8B TI1-WL1835MODCOM8B Datasheet
2Mb / 24P
WLAN MIMO and Bluetooth Module
logo
Molex Electronics Ltd.
2140483000 MOLEX-2140483000 Datasheet
33Kb / 1P
ISM/DSRC MIMO External Antenna, 77.00mm Diameter, 3.0m Cables with SMA Connectors
logo
TE Connectivity Ltd
951-018-XXX TEC-951-018-XXX Datasheet
200Kb / 4P
CELLULAR-MIMO (2G/3G/4G/5G) GNSS (GPS/GLONASS/QZSS/BEIDOU/ GALILEO)/ WLAN-MIMO (2.4GHz/5.8GHz) Screw Antenna
logo
Maxtena Inc.
NETZ5IN1 MAXTENA-NETZ5IN1 Datasheet
2Mb / 5P
LTE-MIMO/WIFI-MIMO/GNSS
REV A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com