Electronic Components Datasheet Search
  English  ▼

X  

942998027 Datasheet (PDF) - Belden Inc.

942998027 Datasheet PDF - Belden Inc.
Part # 942998027
Download  942998027 Download
File Size   184.61 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Indoor 4x4 MIMO WLAN, TNCM, 3m cable

942998027 Datasheet (PDF)

Go To PDF Page Download Datasheet
942998027 Datasheet PDF - Belden Inc.

Part # 942998027
Download  942998027 Click to download

File Size   184.61 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Indoor 4x4 MIMO WLAN, TNCM, 3m cable

942998027 Datasheet (HTML) - Belden Inc.


942998027 Product details

Product Description
Railway Indoor Antenna with 4x4 MIMO WLAN + EN50155 + 3m Cable. Vertical and cross polarized dual-band antenna for signal enhancement in WLAN
networks.




Similar Part No. - 942998027

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
942998020 BELDEN-942998020 Datasheet
249Kb / 1P
MIMO LTE MIMO WLAN, SMAm, 3m cable
02-03-2025
942998021 BELDEN-942998021 Datasheet
228Kb / 1P
MIMO LTE, TNCm, 3m cable
02-03-2025
942998022 BELDEN-942998022 Datasheet
228Kb / 1P
MIMO LTE MIMO WLAN GPS, TNCm, 3m cable
02-03-2025
942998023 BELDEN-942998023 Datasheet
228Kb / 1P
MIMO LTE GPS, TNCm, 3m cable
02-03-2025
942998024 BELDEN-942998024 Datasheet
229Kb / 1P
4x4 MIMO LTE MIMO WLAN GPS, TNCm, 3m cables
02-03-2025
More results


Similar Description - 942998027

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
logo
Taoglas antenna solutio...
FXP524D07C001 TAOGLAS-FXP524D07C001 Datasheet
1Mb / 19P
Venti Wlan Mimo 2.4/5.0GHz Antenna with 4ports
logo
Texas Instruments
WL1835MODCOM8B TI1-WL1835MODCOM8B Datasheet
2Mb / 24P
WLAN MIMO and Bluetooth Module
logo
Molex Electronics Ltd.
2123300100 MOLEX-2123300100 Datasheet
41Kb / 2P
2.4GHz / 5GHz MIMO 4x4 Flexible Antenna, 100.00mm Cable Length, Compatible with U.FL / I-PEX MHF Connectors
2123300150 MOLEX-2123300150 Datasheet
41Kb / 2P
2.4GHz / 5GHz MIMO 4x4 Flexible Antenna, 150.00mm Cable Length, Compatible with U.FL / I-PEX MHF Connectors
2123300200 MOLEX-2123300200 Datasheet
41Kb / 2P
2.4GHz / 5GHz MIMO 4x4 Flexible Antenna, 200.00mm Cable Length, Compatible with U.FL / I-PEX MHF Connectors
logo
Compex Systems Pte. Lte...
WLE1200V2-22 COMPEX-WLE1200V2-22 Datasheet
768Kb / 4P
Single Band 2.4GHz 4x4 MU-MIMO 802.11ac MiniPCI-e Module
logo
PANDUIT CORP.
FR4X4YL6 PANDUIT-FR4X4YL6 Datasheet
185Kb / 1P
4x4 FiberRunner짰 Routing System Cable Fills for 4x4 FiberRunner
logo
Molex Electronics Ltd.
2123309100 MOLEX-2123309100 Datasheet
180Kb / 1P
WIFI 6E TRI-BAND AUTOMOTIVE 4X4 MIMO ANT
Rev. A
logo
QuWireless
APLM4 QUWIRELESS-APLM4 Datasheet
2Mb / 5P
QuPanel LTE HP MIMO 4x4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com