Electronic Components Datasheet Search
  English  ▼

X  

942998015 Datasheet (PDF) - Belden Inc.

942998015 Datasheet PDF - Belden Inc.
Part # 942998015
Download  942998015 Download
File Size   250.04 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description LTE GPS, SMAm, 3m cable

942998015 Datasheet (PDF)

Go To PDF Page Download Datasheet
942998015 Datasheet PDF - Belden Inc.

Part # 942998015
Download  942998015 Click to download

File Size   250.04 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description LTE GPS, SMAm, 3m cable

942998015 Datasheet (HTML) - Belden Inc.


942998015 Product details

Product Description
The Antenna-Roof-LG is a combined antenna for LTE, UMTS, GSM and GPS. The omnidirectional antenna is suited for applications as vehicle tracking,
weather stations, wind parks and much more. With protection level IPX7 (waterproof) and with supported temperature range from -40 °C to +80 °C it is suited
for indoor and outdoor usage in harsh environments. The antenna can be mounted permanently with screws and two included 3m cables allow a flexible
positioning. The LTE antenna has a linear and the active GPS antenna has a right hand circular polarization




Similar Part No. - 942998015

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
942998010 BELDEN-942998010 Datasheet
248Kb / 1P
MIMO LTE, SMAm, 3m cable
02-03-2025
942998011 BELDEN-942998011 Datasheet
250Kb / 1P
MIMO LTE MIMO WLAN GPS, SMAm, 3m cable
02-03-2025
942998012 BELDEN-942998012 Datasheet
249Kb / 1P
MIMO LTE GPS, SMAm, 3m cable
02-03-2025
942998013 BELDEN-942998013 Datasheet
249Kb / 1P
MIMO WLAN, SMAm, 3m cable
02-03-2025
942998014 BELDEN-942998014 Datasheet
248Kb / 1P
LTE, SMAm, 3m cable
942998014
More results


Similar Description - 942998015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA208AAB001 ETC2-MA208AAB001 Datasheet
1Mb / 19P
GPS and LTE/GSM/UMTS Combination Antenna
logo
Pulse A Technitrol Comp...
L154 PULSE-L154 Datasheet
2Mb / 4P
LTE Multiband / Active GPS Roof Mount Antenna
logo
Taoglas antenna solutio...
MA206.A.AB.004 TAOGLAS-MA206.A.AB.004 Datasheet
2Mb / 15P
GPS - Standard 3m RG174 cable and SMA(M) connector
logo
Advantech Co., Ltd.
BB-AO-ALTE-36S ADVANTECH-BB-AO-ALTE-36S Datasheet
217Kb / 2P
Antenna LTE Mounting, SMA(m), RG174/3m
logo
Maxtena Inc.
MEA-3-GGL MAXTENA-MEA-3-GGL Datasheet
944Kb / 4P
GPS/GLONASS/LTE ANTENNA
REV A
MEA-LG-AM MAXTENA-MEA-LG-AM Datasheet
2Mb / 4P
CELLULAR/LTE and GPS/GLONASS Adhesive Mount
REV A
MEA-LGG-AM MAXTENA-MEA-LGG-AM Datasheet
2Mb / 4P
CELLULAR/LTE and GPS/GLONASS Adhesive
REV A
logo
Raltron Electronics Cor...
RDM-MBJ4-A-8116-1M-X-001 RALTRON-RDM-MBJ4-A-8116-1M-X-001 Datasheet
842Kb / 6P
GPSLTEWIFI COMBINATION ANTENNA
Rev. A
logo
Suzhou Maswell Communic...
AN_GPS_GSM_009LM MASWELL-AN_GPS_GSM_009LM Datasheet
637Kb / 3P
GPSLTE Combination Antenna wedge shape
AN_GPS_LTE_MIMO_046 MASWELL-AN_GPS_LTE_MIMO_046 Datasheet
883Kb / 5P
Maswell GPSLTE MIMO Combination Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com