Electronic Components Datasheet Search
  English  ▼

X  

HY5012A Datasheet (PDF) - HOOYI SEMICONDUCTOR

HY5012A Datasheet PDF - HOOYI SEMICONDUCTOR
Part # HY5012A
Download  HY5012A Download
File Size   493.12 Kbytes
Page   11 Pages
Manufacturer  HOOYI [HOOYI SEMICONDUCTOR]
Direct Link  
Logo HOOYI - HOOYI SEMICONDUCTOR
Description N-Channel Enhancement Mode MOSFET

HY5012A Datasheet (PDF)

Go To PDF Page Download Datasheet
HY5012A Datasheet PDF - HOOYI SEMICONDUCTOR

Part # HY5012A
Download  HY5012A Click to download

File Size   493.12 Kbytes
Page   11 Pages
Manufacturer  HOOYI [HOOYI SEMICONDUCTOR]
Direct Link  
Logo HOOYI - HOOYI SEMICONDUCTOR
Description N-Channel Enhancement Mode MOSFET

HY5012A Datasheet (HTML) - HOOYI SEMICONDUCTOR


HY5012A Product details

Features
125V/300A
RDS(ON) 2.9 m2 (typ.) @VGs 10V
Avalanche Rated
Reliable and Rugged
Lead Free and Green Devices Available
(RoHS Compliant)




Similar Part No. - HY5012A

ManufacturerPart #DatasheetDescription
logo
LEM
HY50-P LEM-HY50-P Datasheet
130Kb / 2P
Current Transducer HY 50-P
HY50-P LEM-HY50-P Datasheet
679Kb / 2P
Current Transducers
HY50-P/SP1 LEM-HY50-P/SP1 Datasheet
118Kb / 2P
Current Transducers, HY 50-P/SP1
HY50-P LEM-HY50-P_06 Datasheet
679Kb / 2P
Current Transducers
logo
Hylec-APL Ltd. All righ...
HY508-2V-3F HYLEC-HY508-2V-3F Datasheet
226Kb / 2P
Interlockable pole polyamide pa6.6 tab to tab terminal block 11mm pitch
More results


Similar Description - HY5012A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com