Electronic Components Datasheet Search
  English  ▼

X  

JW1779 Datasheet (PDF) - JOULWATT

JW1779 Datasheet PDF - JOULWATT
Part # JW1779
Download  JW1779 Download
File Size   656.73 Kbytes
Page   10 Pages
Manufacturer  JW [JOULWATT]
Direct Link  https://www.joulwatt.com/en/
Logo JW - JOULWATT
Description Integrated 500V MOS Non-isolated Buck LED Driver

JW1779 Datasheet (PDF)

Go To PDF Page Download Datasheet
JW1779 Datasheet PDF - JOULWATT

Part # JW1779
Download  JW1779 Click to download

File Size   656.73 Kbytes
Page   10 Pages
Manufacturer  JW [JOULWATT]
Direct Link  https://www.joulwatt.com/en/
Logo JW - JOULWATT
Description Integrated 500V MOS Non-isolated Buck LED Driver

JW1779 Datasheet (HTML) - JOULWATT


JW1779 Product details

DESCRIPTION
JW1779 is a non-isolated, constant output current
step-down LED driver with 500V MOSFET
integrated. Operating in the boundary mode
makes it high efficiency and low radiation.
Patented algorithms ensure good current
accuracy and excellent line/load regulations with
lowest BOM cost.
JW1779 is supplied from the MOSFET drain
directly, so the auxiliary winding is eliminated,
which can light up the LED within 100mS.
With unique sampling techniques, JW1779 has
multi-protection functions which can largely
enhance the safety and reliability of the system,
including VDD UVLO, inductor short protection,
LED short protection and over-temperature
protection.

FEATURES
 Integrate 500V, Low Rdson MOSFET
30Ohm,100mA maximum output current
 Excellent line/load regulation
 Boundary mode operation
 High efficiency
 LED SCP
 VDD UVLO
 Over-temperature protection
 Brown Out Protection
 Inductor short protection
 TO-92 package
APPLICATIONS
 LED lighting




Similar Part No. - JW1779

ManufacturerPart #DatasheetDescription
logo
SPMICRO
JW1756B SPMICRO-JW1756B Datasheet
907Kb / 3P
Non-Isolated Buck LED Driver Controller
logo
JOULWATT
JW1758AC JW-JW1758AC Datasheet
158Kb / 1P
Offline Step-down LED Driver With PFC and High Voltage Current Source
Rev.0.84
JW1758BC JW-JW1758BC Datasheet
158Kb / 1P
Offline Step-down LED Driver With PFC and High Voltage Current Source
Rev.0.84
JW1758BH JW-JW1758BH Datasheet
158Kb / 1P
Offline Step-down LED Driver With PFC and High Voltage Current Source
Rev.0.84
JW1758CC JW-JW1758CC Datasheet
158Kb / 1P
Offline Step-down LED Driver With PFC and High Voltage Current Source
Rev.0.84
More results


Similar Description - JW1779

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USL3631 UTC-USL3631 Datasheet
210Kb / 6P
NON-ISOLATED BUCK OFFLINE LED DRIVER
logo
Maxic Technology Corpor...
MT7842 MAXIC-MT7842 Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7844S MAXIC-MT7844S Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7853B MAXIC-MT7853B Datasheet
270Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7853BL MAXIC-MT7853BL Datasheet
270Kb / 1P
Non-isolated APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2336J BPS-BP2336J Datasheet
208Kb / 2P
Non-isolated Buck APFC LED Driver
BP2356D BPS-BP2356D Datasheet
145Kb / 2P
Non-isolated Buck APFC LED Driver
BP2865SJ BPS-BP2865SJ Datasheet
242Kb / 2P
Non-isolated Buck Offline LED Driver
BP2832A BPS-BP2832A Datasheet
422Kb / 8P
Non-isolated Buck Offline LED Driver
logo
JOULWATT
JW1792 JW-JW1792 Datasheet
157Kb / 1P
Integrated 500V MOS Non-isolated Buck LED Driver
Rev.0.92
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com