Electronic Components Datasheet Search
  English  ▼

X  

NS4871 Datasheet (PDF) - Shenzhen Naxinwei Technology Co., Ltd.

NS4871 Datasheet PDF - Shenzhen Naxinwei Technology Co., Ltd.
Part # NS4871
Download  NS4871 Download
File Size   6686.5 Kbytes
Page   14 Pages
Manufacturer  NSIWAY [Shenzhen Naxinwei Technology Co., Ltd.]
Direct Link  http://www.nsiway.com.cn
Logo NSIWAY - Shenzhen Naxinwei Technology Co., Ltd.
Description 2.5W Mono Class AB Audio Power Amplifier

NS4871 Datasheet (PDF)

Go To PDF Page Download Datasheet
NS4871 Datasheet PDF - Shenzhen Naxinwei Technology Co., Ltd.

Part # NS4871
Download  NS4871 Click to download

File Size   6686.5 Kbytes
Page   14 Pages
Manufacturer  NSIWAY [Shenzhen Naxinwei Technology Co., Ltd.]
Direct Link  http://www.nsiway.com.cn
Logo NSIWAY - Shenzhen Naxinwei Technology Co., Ltd.
Description 2.5W Mono Class AB Audio Power Amplifier

NS4871 Datasheet (HTML) - Shenzhen Naxinwei Technology Co., Ltd.


NS4871 Product details

1 Features
Voltage range 3.0V—5.25V
Output power: 2. 5W (RL=4Ω, THD=10%)
Small leakage current in power-down mode: 1uA (typical)
High level Shut-down
Adopt ESOP-8 package
External gain adjustable
No need to drive output coupling capacitor, bootstrap capacitor and buffer network
Unit gain stable

2 Application scope
Laptop
Desktop computer
Low voltage sound system




Similar Part No. - NS4871

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS486 NSC-NS486 Datasheet
466Kb / 6P
Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
NS486SXF NSC-NS486SXF Datasheet
444Kb / 44P
NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
logo
Texas Instruments
NS486SXF TI1-NS486SXF Datasheet
482Kb / 46P
Optimized 32-Bit 486-Class Controller
NS486SXF TI2-NS486SXF Datasheet
553Kb / 48P
NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
February 1997
NS486SXF-25/NOPB TI1-NS486SXF-25/NOPB Datasheet
482Kb / 46P
Optimized 32-Bit 486-Class Controller
More results


Similar Description - NS4871

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
2.5W 횞 2 Class AB Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Princeton Technology Co...
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
2.5W 횞 2 Class AB Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A_13 Datasheet
515Kb / 15P
2.5W Filterless Class-D Mono Audio Amplifier
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
logo
Shenzhenshi YONGFUKANG ...
CS8505E YONGFUKANG-CS8505E Datasheet
230Kb / 7P
8W Mono Class AB Fully Differential Audio Power Amplifier
logo
List of Unclassifed Man...
NS4110B ETC-NS4110B Datasheet
1Mb / 11P
18W Mono Class AB/D Dual Mode Audio Power Amplifier
2017 V1.0
logo
Shenzhen Naxinwei Techn...
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
Class AB/D dual-mode, 5W mono audio amplifier
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com