Electronic Components Datasheet Search
  English  ▼

X  

1462972 Datasheet (PDF) - PHOENIX CONTACT

1462972 Datasheet PDF - PHOENIX CONTACT
Part # 1462972
Download  1462972 Download
File Size   217.86 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UTRE 6-2/X9 US ANSI 6S/7S/29S/36S - Test terminalstrip

1462972 Datasheet (PDF)

Go To PDF Page Download Datasheet
1462972 Datasheet PDF - PHOENIX CONTACT

Part # 1462972
Download  1462972 Click to download

File Size   217.86 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UTRE 6-2/X9 US ANSI 6S/7S/29S/36S - Test terminalstrip

1462972 Datasheet (HTML) - PHOENIX CONTACT


1462972 Product details

Test terminal strip, nom. voltage: 400 V, number of connections: 18, number of positions: 9,
connection method: Screw connection, 1 level, Rated cross section: 6 mm2, cross section: 0.2
mm2 - 10 mm2, mounting type: NS 35/7,5, color: gray




Similar Part No. - 1462972

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1462971 PHOENIX-1462971 Datasheet
217Kb / 6P
UTRE 6-2/X8 US ANSI 5S - Test terminal strip
1462973 PHOENIX-1462973 Datasheet
217Kb / 6P
UTRE 6-2/X10 US ANSI 8S/9S/10S/11S/24S - Test terminal strip
1462974 PHOENIX-1462974 Datasheet
229Kb / 6P
FTPC-3/X4 US ANSI 3S - Test plug
1462975 PHOENIX-1462975 Datasheet
229Kb / 6P
FTPC-3/X6 US ANSI 4S - Test plug
1462976 PHOENIX-1462976 Datasheet
226Kb / 6P
FTPC-3/X7 US ANSI 5S/26S/45S/66S - Test plug
More results


Similar Description - 1462972

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M8650A0C0E5E1B1A SCHNEIDER-M8650A0C0E5E1B1A Datasheet
136Kb / 3P
ION8650 meter 128MB, 9S/29S/36S, 277VAC 50Hz, Ethernet 3I4O, password
May 21, 2020
M8650A0C0H6E1B0A SCHNEIDER-M8650A0C0H6E1B0A Datasheet
143Kb / 3P
ION8650 meter 128MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Ethernet 3I4O
May 21, 2020
M8650C0C0H6E1B0A SCHNEIDER-M8650C0C0H6E1B0A Datasheet
143Kb / 3P
ION8650 meter 32MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Ethernet 3I4O
May 21, 2020
S8650A0C0E6E1A0A SCHNEIDER-S8650A0C0E6E1A0A Datasheet
147Kb / 3P
ION8650 meter 128MB, 9S/29S/36S, 277VAC 60Hz, Ethernet No I/O
May 21, 2020
S8650A0C0H6C7B0A SCHNEIDER-S8650A0C0H6C7B0A Datasheet
140Kb / 3P
ION8650 meter 128MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Full comm 3I4O
May 21, 2020
S8650B0C0H6E1B0A SCHNEIDER-S8650B0C0H6E1B0A Datasheet
148Kb / 3P
ION8650 meter 64MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Ethernet 3I4O
May 21, 2020
S8650C0C0E6A0A0A SCHNEIDER-S8650C0C0E6A0A0A Datasheet
147Kb / 3P
ION8650 meter 32MB, 9S/29S/36S, 277VAC 60Hz, standard No I/O
S8650C0C0E6A0B0A SCHNEIDER-S8650C0C0E6A0B0A Datasheet
147Kb / 3P
ION8650 meter 32MB, 9S/29S/36S, 277VAC 60Hz, standard 3I4O
S8650C0C0E6E1A0A SCHNEIDER-S8650C0C0E6E1A0A Datasheet
147Kb / 3P
ION8650 meter 32MB, 9S/29S/36S, 277VAC 60Hz, Ethernet No I/O
S8650C0C0H6E1A0A SCHNEIDER-S8650C0C0H6E1A0A Datasheet
147Kb / 3P
ION8650 meter 32MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Ethernet No I/O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com