Electronic Components Datasheet Search
  English  ▼

X  

93417 Datasheet (PDF) - Belden Inc.

93417 Datasheet PDF - Belden Inc.
Part # 93417
Download  93417 Download
File Size   584.99 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CANopen / DeviceNet Data Double-Ended Cordset: Male angled A-coded

93417 Datasheet (PDF)

Go To PDF Page Download Datasheet
93417 Datasheet PDF - Belden Inc.

Part # 93417
Download  93417 Click to download

File Size   584.99 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CANopen / DeviceNet Data Double-Ended Cordset: Male angled A-coded

93417 Datasheet (HTML) - Belden Inc.


93417 Product details

Product Description
CANopen / DeviceNet Data Double-Ended Cordset: Male angled A-coded black M12 Standard to female angled A-coded black M12 Standard, 50 V AC / 60 V
DC, 4 A; PUR black cable, 4-wires, Data: 2x0.25 mm² + Power: 2x0.34 mm²




Similar Part No. - 93417

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9341 KEYSTONE-9341 Datasheet
255Kb / 1P
6-32 PAN HEAD SCREW
logo
Belden Inc.
9341 BELDEN-9341 Datasheet
169Kb / 2P
High Perform Instr, 1 Pr #18 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
04-14-2023
logo
Keystone Electronics Co...
9341 KEYSTONE-9341 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9341 HEYCO-9341 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Belden Inc.
9341-0101000 BELDEN-9341-0101000 Datasheet
169Kb / 2P
High Perform Instr, 1 Pr #18 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
04-14-2023
More results


Similar Description - 93417

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201080039 MOLEX11-1201080039 Datasheet
157Kb / 2P
Micro-Change짰 Double-Ended Cordset, Straight, Male to Male
1201080027 MOLEX11-1201080027 Datasheet
157Kb / 2P
Micro-Change Double-Ended Cordset, Straight, Male to Male, 4 Poles, 3.0m (9.84 ) Length, D-Coded Keyway
130025-0073 MOLEX11-130025-0073 Datasheet
33Kb / 2P
DeviceNet Thick Stranded Cable, Double Ended Mini-Change
1300620088 MOLEX11-1300620088 Datasheet
29Kb / 1P
Mini-Change A-Size Double-Ended Cordset, 4 Poles, Male (Straight) to Female
1300620124 MOLEX11-1300620124 Datasheet
29Kb / 1P
Mini-Change A-Size Double-Ended Cordset, 4 Poles, Male (Straight) to Female
1201080267 MOLEX-1201080267 Datasheet
24Kb / 1P
Industrial Ethernet Double-Ended RJ-45 Cordset, Male (Straight) to Male
1201088182 MOLEX-1201088182 Datasheet
23Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
logo
WAGO Kontakttechnik Gmb...
756-1402-060-050 WAGO-756-1402-060-050 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 5 m
22.11.2021
756-1402-060-100 WAGO-756-1402-060-100 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 10 m
22.11.2021
756-1402-060-200 WAGO-756-1402-060-200 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 20 m
22.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com