Electronic Components Datasheet Search
  English  ▼

X  

1462986 Datasheet (PDF) - PHOENIX CONTACT

1462986 Datasheet PDF - PHOENIX CONTACT
Part # 1462986
Download  1462986 Download
File Size   224.14 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTPR-3/X9 US ANSI 6S/7S/29S/36S - Test plug

1462986 Datasheet (PDF)

Go To PDF Page Download Datasheet
1462986 Datasheet PDF - PHOENIX CONTACT

Part # 1462986
Download  1462986 Click to download

File Size   224.14 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTPR-3/X9 US ANSI 6S/7S/29S/36S - Test plug

1462986 Datasheet (HTML) - PHOENIX CONTACT


1462986 Product details

Test plug, With twist grip, nom. voltage: 400 V, nominal current: 20 A, number of positions: 9,
Rated cross section: 2.5 mm2, color: gray




Similar Part No. - 1462986

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1462980 PHOENIX-1462980 Datasheet
229Kb / 6P
FTPC-3/X10 US ANSI 8S/9S/10S/11S/24S - Test plug
1462981 PHOENIX-1462981 Datasheet
222Kb / 6P
FTPR-3/X4 US ANSI 3S - Test plug
1462982 PHOENIX-1462982 Datasheet
223Kb / 6P
FTPR-3/X6 US ANSI 4S - Test plug
1462983 PHOENIX-1462983 Datasheet
220Kb / 6P
FTPR-3/X7 US ANSI 5S/26S/45S/66S - Test plug
1462984 PHOENIX-1462984 Datasheet
220Kb / 6P
FTPR-3/X7 US ANSI 26S/45S/66S - Test plug
More results


Similar Description - 1462986

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M8650A0C0E5E1B1A SCHNEIDER-M8650A0C0E5E1B1A Datasheet
136Kb / 3P
ION8650 meter 128MB, 9S/29S/36S, 277VAC 50Hz, Ethernet 3I4O, password
May 21, 2020
M8650A0C0H6E1B0A SCHNEIDER-M8650A0C0H6E1B0A Datasheet
143Kb / 3P
ION8650 meter 128MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Ethernet 3I4O
May 21, 2020
M8650C0C0H6E1B0A SCHNEIDER-M8650C0C0H6E1B0A Datasheet
143Kb / 3P
ION8650 meter 32MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Ethernet 3I4O
May 21, 2020
S8650A0C0E6E1A0A SCHNEIDER-S8650A0C0E6E1A0A Datasheet
147Kb / 3P
ION8650 meter 128MB, 9S/29S/36S, 277VAC 60Hz, Ethernet No I/O
May 21, 2020
S8650B0C0H6E1B0A SCHNEIDER-S8650B0C0H6E1B0A Datasheet
148Kb / 3P
ION8650 meter 64MB, 9S/29S/36S, 120VAC/160VDC 60Hz, Ethernet 3I4O
May 21, 2020
S8650C0C0E6A0A0A SCHNEIDER-S8650C0C0E6A0A0A Datasheet
147Kb / 3P
ION8650 meter 32MB, 9S/29S/36S, 277VAC 60Hz, standard No I/O
S8650C0C0E6A0B0A SCHNEIDER-S8650C0C0E6A0B0A Datasheet
147Kb / 3P
ION8650 meter 32MB, 9S/29S/36S, 277VAC 60Hz, standard 3I4O
S8650C0C0E6E1A0A SCHNEIDER-S8650C0C0E6E1A0A Datasheet
147Kb / 3P
ION8650 meter 32MB, 9S/29S/36S, 277VAC 60Hz, Ethernet No I/O
logo
PHOENIX CONTACT
3069955 PHOENIX-3069955 Datasheet
179Kb / 14P
Test plug - FTPR-3/10S
09/12/2020
3069957 PHOENIX-3069957 Datasheet
179Kb / 14P
Test plug - FTPR-3/14S
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com