Electronic Components Datasheet Search
  English  ▼

X  

1029715 Datasheet (PDF) - PHOENIX CONTACT

1029715 Datasheet PDF - PHOENIX CONTACT
Part # 1029715
Download  1029715 Download
File Size   354.32 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FWP 91 - Power plug

1029715 Datasheet (PDF)

Go To PDF Page Download Datasheet
1029715 Datasheet PDF - PHOENIX CONTACT

Part # 1029715
Download  1029715 Click to download

File Size   354.32 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FWP 91 - Power plug

1029715 Datasheet (HTML) - PHOENIX CONTACT


1029715 Product details

Power plug, nom. voltage: 400 V, nominal current: 24 A, number of positions: 10, Rated cross
section: 6 mm2, color: gray




Similar Part No. - 1029715

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1029711 PHOENIX-1029711 Datasheet
295Kb / 9P
UTWE 6/91 - Test terminal strip
1029712 PHOENIX-1029712 Datasheet
342Kb / 9P
UTWE 6/91 - Test terminal strip
1029713 PHOENIX-1029713 Datasheet
331Kb / 8P
UTWE 6/111 - Test terminal strip
1029716 PHOENIX-1029716 Datasheet
354Kb / 8P
FWP 101 - Power plug
1029717 PHOENIX-1029717 Datasheet
343Kb / 6P
FWP 111 - Power plug
More results


Similar Description - 1029715

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5745051-1 MACOM-5745051-1 Datasheet
135Kb / 1P
PLUG ASSEMBLY, SIZE 1, 9 POSN, VERTICAL, AMPLIMITE HD-20
logo
Cooper Bussmann, Inc.
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
FWP-20A14FI COOPER-FWP-20A14FI Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
FWP 660V/700V (IEC/U.L.)
FWP-100A COOPER-FWP-100A Datasheet
50Kb / 2P
FWP 700V 5-1200A
FWP-300 COOPER-FWP-300 Datasheet
50Kb / 2P
FWP 700V 5-1200A
FWP-1A14F COOPER-FWP-1A14F Datasheet
42Kb / 1P
FWP 660V/700V (IEC/U.L.)
logo
PHOENIX CONTACT
1767627 PHOENIX-1767627 Datasheet
104Kb / 4P
MSTB 2,5/ 9-ST BD:1-9
3042971 PHOENIX-3042971 Datasheet
166Kb / 9P
Plug - SP 4/ 9
logo
Ulti-Mate Connector Inc
SD-836110118 ULTI-MATE-SD-836110118 Datasheet
87Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 1, SIZE 9 CM1R09P07T
9-23-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com