Electronic Components Datasheet Search
  English  ▼

X  

SY3511 Datasheet (PDF) - Shenzhen Siyuan Semiconductor Co., Ltd.

SY3511 Datasheet PDF - Shenzhen Siyuan Semiconductor Co., Ltd.
Part # SY3511
Download  SY3511 Download
File Size   395.97 Kbytes
Page   7 Pages
Manufacturer  TKPLUSEMI [Shenzhen Siyuan Semiconductor Co., Ltd.]
Direct Link  https://www.tkplusemi.com/
Logo TKPLUSEMI - Shenzhen Siyuan Semiconductor Co., Ltd.
Description Mobile power single chip solution

SY3511 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY3511 Datasheet PDF - Shenzhen Siyuan Semiconductor Co., Ltd.

Part # SY3511
Download  SY3511 Click to download

File Size   395.97 Kbytes
Page   7 Pages
Manufacturer  TKPLUSEMI [Shenzhen Siyuan Semiconductor Co., Ltd.]
Direct Link  https://www.tkplusemi.com/
Logo TKPLUSEMI - Shenzhen Siyuan Semiconductor Co., Ltd.
Description Mobile power single chip solution

SY3511 Datasheet (HTML) - Shenzhen Siyuan Semiconductor Co., Ltd.


SY3511 Product details

Features
Linear charging, synchronous boost and discharge, built-in charging and discharging
Power MOS
The chip internally sets 1A charging current
Synchronous boost maximum output current 1A
Original boost output thermal adjustment technology
Trickle/constant current/constant voltage charging with no risk of overheating
Thermal regulation function to maximize charging rate
C/10 Charging terminated, automatic recharging
Preset 4.2V charging voltage, accuracy reaches ±1%
Discharge output overcurrent, short circuit, overvoltage, and overtemperature protection
4 LED power display, charge and discharge indication and abnormal indication
Double click to turn on/off the flashlight




Similar Part No. - SY3511

ManufacturerPart #DatasheetDescription
logo
AUK corp
SY3517 AUK-SY3517 Datasheet
201Kb / 3P
LED Lamp
logo
KODENSHI_AUK CORP.
SY3517 KODENSHI-SY3517 Datasheet
257Kb / 3P
LAMP LED
logo
AUK corp
SY3517-E AUK-SY3517-E Datasheet
222Kb / 3P
LED Lamp
SY3517-EB AUK-SY3517-EB Datasheet
222Kb / 3P
LED Lamp
SY3517B AUK-SY3517B Datasheet
201Kb / 3P
LED Lamp
More results


Similar Description - SY3511

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
SP4566 TPOWER-SP4566 Datasheet
277Kb / 6P
1A synchronous mobile power solution
TP4221A TPOWER-TP4221A Datasheet
705Kb / 8P
Mobile power single chip solution
logo
Shenzhen Huazhimei Semi...
HM5808 HMSEMI-HM5808 Datasheet
668Kb / 7P
Mobile power single chip solution
HM5809 HMSEMI-HM5809 Datasheet
641Kb / 7P
Mobile power single chip solution
HM5826 HMSEMI-HM5826 Datasheet
1Mb / 7P
Mobile power management solution
HM5827 HMSEMI-HM5827 Datasheet
886Kb / 6P
Mobile power management solution
HM5828 HMSEMI-HM5828 Datasheet
1Mb / 6P
Mobile power management solution
HM5805E HMSEMI-HM5805E Datasheet
2Mb / 10P
Mobile power management solution
HM5806 HMSEMI-HM5806 Datasheet
889Kb / 7P
mobile power solution IC
HM5922 HMSEMI-HM5922 Datasheet
592Kb / 8P
Mobile power single chip solution
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com