Electronic Components Datasheet Search
  English  ▼

X  

3069469 Datasheet (PDF) - PHOENIX CONTACT

3069469 Datasheet PDF - PHOENIX CONTACT
Part # 3069469
Download  3069469 Download
File Size   226.53 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP-2/1 SERVICE - Test plug

3069469 Datasheet (PDF)

Go To PDF Page Download Datasheet
3069469 Datasheet PDF - PHOENIX CONTACT

Part # 3069469
Download  3069469 Click to download

File Size   226.53 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FTP-2/1 SERVICE - Test plug

3069469 Datasheet (HTML) - PHOENIX CONTACT


3069469 Product details

Test plug, nom. voltage: 400 V, nominal current: 24 A, Rated cross section: 2.5 mm2, color: red




Similar Part No. - 3069469

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3069460 PHOENIX-3069460 Datasheet
231Kb / 8P
PTRE 6-2/H19 - Test terminal strip
3069461 PHOENIX-3069461 Datasheet
231Kb / 8P
PTRE 6-2/I19 - Test terminal strip
3069464 PHOENIX-3069464 Datasheet
222Kb / 7P
FTP-2/2 SERVICE - Test plug
3069465 PHOENIX-3069465 Datasheet
222Kb / 7P
FTP-2/3 SERVICE - Test plug
3069466 PHOENIX-3069466 Datasheet
238Kb / 7P
FTP-2/1 SERVICE 0R1 - Test plug
More results


Similar Description - 3069469

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301120197 MOLEX11-1301120197 Datasheet
43Kb / 1P
Safeway 7W Incandescent Service Light with 18/2 SPT-1, 3.04m
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
3069312 PHOENIX-3069312 Datasheet
62Kb / 4P
Interruption plug - FIP-3/3 SERVICE
09/12/2020
3069313 PHOENIX-3069313 Datasheet
62Kb / 4P
Interruption plug - FIP-3/4 SERVICE
09/12/2020
3069468 PHOENIX-3069468 Datasheet
108Kb / 8P
Test plug - FTP-2/4 SERVICE
09/12/2020
3069920 PHOENIX-3069920 Datasheet
62Kb / 4P
Interruption plug - FIP-3/2 SERVICE
09/12/2020
3069921 PHOENIX-3069921 Datasheet
63Kb / 4P
Interruption plug - FIP-3/1 SERVICE
09/12/2020
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
logo
TE Connectivity Ltd
ENG_CD_2103172 TEC-ENG_CD_2103172 Datasheet
1Mb / 2P
PLUG ASSEMBLY MANUAL SERVICE DISCONNECT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com