Electronic Components Datasheet Search
  English  ▼

X  

3069425 Datasheet (PDF) - PHOENIX CONTACT

3069425 Datasheet PDF - PHOENIX CONTACT
Part # 3069425
Download  3069425 Download
File Size   231.33 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UTRE 6-2/E7 - Test terminal strip

3069425 Datasheet (PDF)

Go To PDF Page Download Datasheet
3069425 Datasheet PDF - PHOENIX CONTACT

Part # 3069425
Download  3069425 Click to download

File Size   231.33 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UTRE 6-2/E7 - Test terminal strip

3069425 Datasheet (HTML) - PHOENIX CONTACT


3069425 Product details

Test terminal strip, VDE coded type E7, nom. voltage: 400 V, number of connections: 14,
number of positions: 7, connection method: Screw connection, 1 level, Rated cross section: 6
mm2, cross section: 0.2 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, color: gray




Similar Part No. - 3069425

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3069420 PHOENIX-3069420 Datasheet
350Kb / 10P
UTWE 6-2/G19 - Test terminal strip
3069421 PHOENIX-3069421 Datasheet
350Kb / 10P
UTWE 6-2/H19 - Test terminal strip
3069422 PHOENIX-3069422 Datasheet
350Kb / 10P
UTWE 6-2/I19 - Test terminal strip
3069423 PHOENIX-3069423 Datasheet
231Kb / 8P
UTRE 6-2/A7 - Test terminal strip
3069424 PHOENIX-3069424 Datasheet
231Kb / 8P
UTRE 6-2/B7 - Test terminal strip
More results


Similar Description - 3069425

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3969925 PHOENIX-3969925 Datasheet
98Kb / 6P
Test terminal strip - RSCWE 6-3/9
3969927 PHOENIX-3969927 Datasheet
94Kb / 6P
Test terminal strip - RSCWE 6-3/12
3969956 PHOENIX-3969956 Datasheet
80Kb / 4P
Test terminal strip - RSCWE 6-3/17
3969957 PHOENIX-3969957 Datasheet
81Kb / 4P
Test terminal strip - RSCWE 6-3/18
3969958 PHOENIX-3969958 Datasheet
81Kb / 4P
Test terminal strip - RSCWE 6-3/19
3969959 PHOENIX-3969959 Datasheet
83Kb / 4P
Test terminal strip - RSCWE 6-3/20
3069673 PHOENIX-3069673 Datasheet
238Kb / 22P
Test terminal strip - UTWE 6-2/20
09/12/2020
3969928 PHOENIX-3969928 Datasheet
271Kb / 24P
Test terminal strip - RSCWE 6-3/14
09/12/2020
logo
WAGO Kontakttechnik Gmb...
2006-1601 WAGO-2006-1601 Datasheet
817Kb / 15P
2-conductor through terminal block; 6 mm짼; with test option
24.11.2021
2006-8601 WAGO-2006-8601 Datasheet
600Kb / 14P
2-conductor through terminal block; 6 mm짼; with test option
24.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com