Electronic Components Datasheet Search
  English  ▼

X  

OPA376AIDBVR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

OPA376AIDBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # OPA376AIDBVR-TP
Download  OPA376AIDBVR-TP Download
File Size   3466.03 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra Low Noise Rail-to-Rail /0 CMOS Precision OPERATIONAL AMPLIFIERS

OPA376AIDBVR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA376AIDBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # OPA376AIDBVR-TP
Download  OPA376AIDBVR-TP Click to download

File Size   3466.03 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra Low Noise Rail-to-Rail /0 CMOS Precision OPERATIONAL AMPLIFIERS

OPA376AIDBVR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


OPA376AIDBVR-TP Product details

Features

« General Purpose, Low Cost

' Gain Bandwidth Product: 6MHz

o Input Offset Voltage: 2yV (Typ)

« Ultra Low Noise: 6nV/vHz at 1kHz
o Zero Drift: 0.03uV/°C (Typ)

« Input Bias Current: 500pA

o Rail-to-Rail Input and Output

« Single or Dual Supply Operation

« Supply Voltage Range: 2V to 5.5V

o Operating Temperature: -50°C ~ +125°C.
o Type Package:SOT23-5
Applications

Temperature Sensors
Battery-Powered Instruments

'« Smoke/Gas/Environment Sensors

« Medical Equipment

Portable Instruments and Mobile Device
Active Filters

Piezo Electrical Transducer Amplifier
Sensor Interface

o Handheld Test Equipment




Similar Part No. - OPA376AIDBVR-TP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA376AIDBVR BURR-BROWN-OPA376AIDBVR Datasheet
786Kb / 23P
Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA376AIDBVR TI-OPA376AIDBVR Datasheet
1Mb / 30P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376AIDBVR TI1-OPA376AIDBVR Datasheet
1Mb / 42P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA376AIDBVRG4 BURR-BROWN-OPA376AIDBVRG4 Datasheet
786Kb / 23P
Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA376AIDBVRG4 TI-OPA376AIDBVRG4 Datasheet
1Mb / 30P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
More results


Similar Description - OPA376AIDBVR-TP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
10/07-Rev. 0 to Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com