Electronic Components Datasheet Search
  English  ▼

X  

NE555DR Datasheet (PDF) - TECH PUBLIC Electronics co LTD

NE555DR Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # NE555DR
Download  NE555DR Download
File Size   3555.53 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description GENERAL PURPOSE TIMER

NE555DR Datasheet (PDF)

Go To PDF Page Download Datasheet
NE555DR Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # NE555DR
Download  NE555DR Click to download

File Size   3555.53 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description GENERAL PURPOSE TIMER

NE555DR Datasheet (HTML) - TECH PUBLIC Electronics co LTD


NE555DR Product details

Features

Static current is small, with a typical 2.7mA.

« The chip's input pin can cause the IC to

power down when disabled.

o The static current is small during power failure,
with a typical value of 65uA.

« Output power exceeds 250mW when
using a 32Q load

» Distortion small 0.5% TYP.

« Inthe audio frequency band, gain can be
adjusted from 0dB to 46dB.

» Peripheral components are few.

Compact package: SOP8

Applications

« Precision timing

« Pulse generation

« Sequential timing

o Time delay generation

» Pulse width modulation

« Pulse position modulation

o Missing Pulse detector




Similar Part No. - NE555DR

ManufacturerPart #DatasheetDescription
logo
NEC
NE555DR NEC-NE555DR Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NE555DR TI-NE555DR Datasheet
405Kb / 24P
PRECISION TIMERS
NE555DR TI-NE555DR Datasheet
559Kb / 27P
PRECISION TIMERS
NE555DR TI-NE555DR Datasheet
625Kb / 27P
PRECISION TIMERS
NE555DR TI-NE555DR Datasheet
713Kb / 29P
PRCISION TIMERS
More results


Similar Description - NE555DR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ICM7555 PHILIPS-ICM7555 Datasheet
105Kb / 9P
General purpose CMOS timer
August 31, 1994
logo
Sanyo Semicon Device
LB8555D SANYO-LB8555D Datasheet
66Kb / 3P
General-Purpose Timer
LB8555M SANYO-LB8555M Datasheet
62Kb / 3P
General-Purpose Timer?
logo
Integral Corp.
ILC555 INTEGRAL-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
logo
KODENSHI_AUK CORP.
KKC556N KODENSHI-KKC556N Datasheet
218Kb / 5P
General purpose dual timer
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
ILC555 IKSEMICON-ILC555_11 Datasheet
161Kb / 5P
CMOS general purpose timer
ILC556N IKSEMICON-ILC556N_12 Datasheet
276Kb / 5P
General Purpose Dual Timer
logo
NXP Semiconductors
ICM7555IN NXP-ICM7555IN Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
logo
First Silicon Co., Ltd
NE555 FS-NE555 Datasheet
363Kb / 5P
General purpose timer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com